Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2314 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC2314
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2314 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC2314 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2314 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2SC2314
DESCRIPTION
·
Collector-Emitter Voltage-
:VCER= 75V(Min) ;RBE=150Ω
·
Collector Current-
:IC=1.0A
·
Low Saturation Voltage
: VCE(sat)
=0.6V(MAX)@ I
C
=0.5A
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Power Amplifier Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
75
V
VCER
Collector-Emitter Voltage
RBE=150Ω
75
V
VCEO
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
1.0
A
ICM
Collector Current-Peak
1.5
A
PC
Collector Power Dissipation
@ Tc=25℃
5
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SC2314

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications?
logo
Tiger Electronic Co.,Lt...
2SC2314 TGS-2SC2314 Datasheet
59Kb / 1P
27 MHz CB Transceiver Driver Applications
logo
Foshan Blue Rocket Elec...
2SC2314 FOSHAN-2SC2314 Datasheet
1,021Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
logo
Jiangsu Changjiang Elec...
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
TO-126 Plastic-Encapsulate Transistors
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314 Datasheet
98Kb / 4P
27MHz CB Transceiver Driver Applications
More results

Similar Description - 2SC2314

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com