Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM134
Description  3-Terminal Adjustable Current Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM134 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM134 Datasheet HTML 1Page - National Semiconductor (TI) LM134 Datasheet HTML 2Page - National Semiconductor (TI) LM134 Datasheet HTML 3Page - National Semiconductor (TI) LM134 Datasheet HTML 4Page - National Semiconductor (TI) LM134 Datasheet HTML 5Page - National Semiconductor (TI) LM134 Datasheet HTML 6Page - National Semiconductor (TI) LM134 Datasheet HTML 7Page - National Semiconductor (TI) LM134 Datasheet HTML 8Page - National Semiconductor (TI) LM134 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics (Note 2)
Parameter
Conditions
LM234-3
LM234-6
Units
Min
Typ
Max
Min
Typ
Max
Set Current Error, V
+=2.5V,
100µA
≤ I
SET ≤
1mA
±1
±2%
(Note 3)
T
J = 25˚
Equivalent Temperature Error
±3
±6˚C
Ratio of Set Current to
100µA
≤ I
SET ≤
1mA
14
18
26
14
18
26
Bias Current
Minimum Operating Voltage
100µA I
SET ≤ 1mA
0.9
0.9
V
Average Change in Set Current
100µA
≤ I
SET ≤
1mA
with Input Voltage
1.5
≤ V+ ≤ 5V
0.02
0.05
0.02
0.01
%/V
5V
≤ V+ ≤ 30V
0.01
0.03
0.01
0.05
%/V
Temperature Dependence of
100µA
≤ I
SET ≤
1mA
0.98T
T
1.02T
0.97T
T
1.03T
Set Current (Note 4) and
Equivalent Slope Error
±2
±3%
Effective Shunt Capacitance
15
15
pF
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com