Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM134
Description  3-Terminal Adjustable Current Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM134 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM134 Datasheet HTML 1Page - National Semiconductor (TI) LM134 Datasheet HTML 2Page - National Semiconductor (TI) LM134 Datasheet HTML 3Page - National Semiconductor (TI) LM134 Datasheet HTML 4Page - National Semiconductor (TI) LM134 Datasheet HTML 5Page - National Semiconductor (TI) LM134 Datasheet HTML 6Page - National Semiconductor (TI) LM134 Datasheet HTML 7Page - National Semiconductor (TI) LM134 Datasheet HTML 8Page - National Semiconductor (TI) LM134 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM134/LM234/LM334
3-Terminal Adjustable Current Sources
General Description
The LM134/LM234/LM334 are 3-terminal adjustable current
sources featuring 10,000:1 range in operating current, excel-
lent current regulation and a wide dynamic voltage range of
1V to 40V. Current is established with one external resistor
and no other parts are required. Initial current accuracy is
±3%. The LM134/LM234/LM334 are true floating current
sources with no separate power supply connections. In addi-
tion, reverse applied voltages of up to 20V will draw only a
few dozen microamperes of current, allowing the devices to
act as both a rectifier and current source in AC applications.
The sense voltage used to establish operating current in the
LM134 is 64mV at 25˚C and is directly proportional to abso-
lute temperature (˚K). The simplest one external resistor
connection, then, generates a current with
≈+0.33%/˚C tem-
perature dependence. Zero drift operation can be obtained
by adding one extra resistor and a diode.
Applications for the current sources include bias networks,
surge protection, low power reference, ramp generation,
LED driver, and temperature sensing. The LM234-3 and
LM234-6 are specified as true temperature sensors with
guaranteed initial accuracy of ±3˚C and ±6˚C, respectively.
These devices are ideal in remote sense applications be-
cause series resistance in long wire runs does not affect ac-
curacy. In addition, only 2 wires are required.
The LM134 is guaranteed over a temperature range of
−55˚C to +125˚C, the LM234 from −25˚C to +100˚C and the
LM334 from 0˚C to +70˚C. These devices are available in
TO-46 hermetic, TO-92 and SO-8 plastic packages.
Features
n
Operates from 1V to 40V
n
0.02%/V current regulation
n
Programmable from 1µA to 10mA
n
True 2-terminal operation
n
Available as fully specified temperature sensor
n ±
3% initial accuracy
Connection Diagrams
SO-8
Surface Mount Package
DS005697-24
Order Number LM334M or
LM334MX
See NS Package Number M08A
SO-8 Alternative Pinout
Surface Mount Package
DS005697-25
Order Number LM334SM or
LM334SMX
See NS Package Number M08A
TO-46
Metal Can Package
DS005697-12
V− Pin is electrically connected to case.
Bottom View
Order Number LM134H,
LM234H or LM334H
See NS Package
Number H03H
TO-92 Plastic Package
DS005697-10
Bottom View
Order Number LM334Z, LM234Z-3 or LM234Z-6
See NS Package Number Z03A
March 2000
© 2000 National Semiconductor Corporation
DS005697
www.national.com


Similar Part No. - LM134

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
LM134 STMICROELECTRONICS-LM134 Datasheet
1Mb / 11P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
May-2003
logo
Linear Technology
LM134 LINER-LM134 Datasheet
156Kb / 12P
Constant Current Source and Temperature Sensor
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
More results

Similar Description - LM134

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
May-2003
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
logo
Texas Instruments
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI1-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
3-Terminal Adjustable Current Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com