Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM134
Description  3-Terminal Adjustable Current Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM134 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM134 Datasheet HTML 6Page - National Semiconductor (TI) LM134 Datasheet HTML 7Page - National Semiconductor (TI) LM134 Datasheet HTML 8Page - National Semiconductor (TI) LM134 Datasheet HTML 9Page - National Semiconductor (TI) LM134 Datasheet HTML 10Page - National Semiconductor (TI) LM134 Datasheet HTML 11Page - National Semiconductor (TI) LM134 Datasheet HTML 12Page - National Semiconductor (TI) LM134 Datasheet HTML 13Page - National Semiconductor (TI) LM134 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical Applications (Continued)
1.2V Reference Operates on 10 µA and 2V
DS005697-20
*Select ratio of R1 to R2 to obtain zero temperature drift
1.2V Regulator with 1.8V Minimum Input
DS005697-7
*Select ratio of R1 to R2 for zero temperature drift
Zener Biasing
DS005697-49
Alternate Trimming Technique
DS005697-50
*For ±10% adjustment, select RSET
10% high, and make R1
≈ 3RSET
Buffer for Photoconductive Cell
DS005697-51
FET Cascoding for Low Capacitance and/or Ultra High Output Impedance
DS005697-21
*Select Q1 or Q2 to ensure at least 1V across the LM134. Vp (1 −
ISET/IDSS) ≥ 1.2V.
DS005697-22
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com