Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3000PE Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS3000PE
Description  Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS3000PE Datasheet(HTML) 1 Page - Artesyn Technologies

  DS3000PE Datasheet HTML 1Page - Artesyn Technologies DS3000PE Datasheet HTML 2Page - Artesyn Technologies DS3000PE Datasheet HTML 3Page - Artesyn Technologies DS3000PE Datasheet HTML 4Page - Artesyn Technologies DS3000PE Datasheet HTML 5Page - Artesyn Technologies DS3000PE Datasheet HTML 6Page - Artesyn Technologies DS3000PE Datasheet HTML 7Page - Artesyn Technologies DS3000PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
POWER
DS3000PE
High Line: 3000 W Low Line: 1350 W
Distributed Power Bulk Front-end
Single Ouptut Standard
Total Output Power:
3000 W continuous
208 Vac to 264 Vac, 3000 W1
90 Vac to 140 Vac, 1350 W
SPECIAL FEATURES
ƒ
3000 W output power
ƒ
High power and narrow form factor
ƒ
6 units can fit in a 19” inch for a total
of 16.2 kW
ƒ
High density design: 24 W/in3
ƒ
Active Power Factor Correction
ƒ
EN61000-3-2 harmonic compliance
ƒ
Inrush current control
ƒ
80plus platinum efficiency
ƒ
N+1 or N+N redundant
ƒ
Hot-pluggable
ƒ
Active current sharing
ƒ
Full digital control
ƒ
PMBus compliant
ƒ
Accurate input power reporting
ƒ
Compatible with Artesyn’s universal
PMBus GUI
ƒ
Two-year warranty
COMPLIANCE
ƒ
Conducted/Radiated EMI EN55022
Class A Limits + 6 dB margin
ƒ
RoHS
SAFETY
ƒ
UL/cUL
ƒ
DEMKO+ CB Report EN60950
ƒ
BSMI
ƒ
CE Mark
ƒ
China CQC
Electrical Specifications
Input
Input voltage range
90-140 Vac, 1350 W
208 to 264 Vac1, 3000 W
Frequency
47 Hz to 63 Hz
Efficiency
94.0% peak
Max input current
17.5 Arms
Inrush current
55 Apk
Conducted EMI
Class A
Radiated EMI
Class A
Power factor
>0.97, typical
ITHD
10%
Leakage current
0.58 mA
Hold-up time
11 ms
Data Sheet
Ordering Information
DS3000PE-3
Standard Airflow
DS3000PE-3-001
Reverse Airflow
1
2700 W output rating at 180 Vac


Similar Part No. - DS3000PE

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
DS3000TE ADVANCEDENERGY-DS3000TE Datasheet
1,010Kb / 11P
3000 Watt Front-End AC-DC Power Supply
01 12.23
More results

Similar Description - DS3000PE

ManufacturerPart #DatasheetDescription
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
Distributed Power Front-End
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com