Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3000PE Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS3000PE
Description  Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS3000PE Datasheet(HTML) 2 Page - Artesyn Technologies

  DS3000PE Datasheet HTML 1Page - Artesyn Technologies DS3000PE Datasheet HTML 2Page - Artesyn Technologies DS3000PE Datasheet HTML 3Page - Artesyn Technologies DS3000PE Datasheet HTML 4Page - Artesyn Technologies DS3000PE Datasheet HTML 5Page - Artesyn Technologies DS3000PE Datasheet HTML 6Page - Artesyn Technologies DS3000PE Datasheet HTML 7Page - Artesyn Technologies DS3000PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS3000PE Data Sheet
Electrical Specifications
Output
Main DC Output
MIN
NOM
MAX
Nominal setting
-0.30%
12
0.30%
Total output regulation range
11.4 V
12.6 V
Dynamic load regulation range
11.4 V
12.6 V
Output ripple
120 mVp-p
Output current
2 A4
250 A5
Current sharing
Within +/-13.8 A of each other
Capacitive loading
1,000 µF
15,000 µf
Start-up from AC to output
2100 ms
Output rise time
2 ms
60 ms
Standby DC Output
Nominal setting
-1%
12.0 V
1%
Total output regulation range
11.4 V
12.6 V
Dynamic load regulation range
11.4 V
12.6 V
Output ripple
120 mVp-p
Output current
0.5 A
4.5 A
Current sharing
N/A
Capacitive loading
47 µF
560 µf
Start-up from AC to output
1700 ms
Output rise time
2 ms
60 ms
Protections
Main Output
Overcurrent protection2
104%
120%
Overvoltage protection1
13.5 V
15.0 V
Undervoltage protection
10.5 V
11.0 V
Overtemperature protection
Yes
Fan fault protection
Yes
Standby Output
Overcurrent protection4
110%
150%
Overvoltage protection3
13.5 V
15.0 V
Undervoltage protection
9.6 V
11.0 V
1
Latch mode
2
Autorecovery if the overcurrent is less than 104% and last only for <500 ms.
3
Standby protection is auto-recovery
4
Minimum current for transient load response testing only. Unit is designed to operate and be wtihin regulation range at zero load.
5
Revere airflow model derates to 231.5 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com