Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3000PE Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DS3000PE
Description  Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS3000PE Datasheet(HTML) 3 Page - Artesyn Technologies

  DS3000PE Datasheet HTML 1Page - Artesyn Technologies DS3000PE Datasheet HTML 2Page - Artesyn Technologies DS3000PE Datasheet HTML 3Page - Artesyn Technologies DS3000PE Datasheet HTML 4Page - Artesyn Technologies DS3000PE Datasheet HTML 5Page - Artesyn Technologies DS3000PE Datasheet HTML 6Page - Artesyn Technologies DS3000PE Datasheet HTML 7Page - Artesyn Technologies DS3000PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS3000PE Data Sheet
Control and Status Signals
Input Signals
PSON
Active LOW signal which enables/disables the main output. Pulling this signal LOW will turn-on the main output.
Recommended pull-up resistor to 12 VSB is 8.2 k with a 3.0 k pull-down to ground. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
2 mA
I
SINK
Current that may be sunk by this pin at low state
0.5 mA
PSKIL
First break/last mate active LOW signal which enables/disables the main output. This signal will have to be pulled to ground at the system side with a 220 ohm
resistor. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
2 mA
I
SINK
Current that may be sunk by this pin at low state
0.5 mA
A0, A1, A2
Addressing pins of the power supply for I2C communications. Refer to the addressing tables below.
MIN
MAX
Internal pull-ups to 3.3V.
It is recommended for the system to have pull-ups and
decoupling on the address lines for better noise immunity.
R = 22 k ohm
C = 47 pF
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
4 mA
I
SINK
Current that may be sunk by this pin
4 mA
Output Signals
ACOK
Signal used to indicate the presence of AC input to the power supply. A logic level HIGH will indicate that the AC input to the power supply is within the operating
range while a logic level LOW will indicate that AC has been lost.
This is an open collector/drain output. This pin is pulled high by a 1.0 k ohm resistor connected to 3.3 V inside the power supply.
It is recommended that this pin be connected to a 100 pF decoupling capacitor and pulled down by a 100 k ohm resistor.
MIN
MAX
V
IL
Output logic level LOW
0.6 V
V
IH
Output logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
3.3 mA
I
SINK
Current that may be sunk by this pin at low state
0.7 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com