Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXXPXX-R Datasheet(PDF) 1 Page - Recom International Power

Part # RXXPXX-R
Description  EN-60601 for Medical Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RXXPXX-R Datasheet(HTML) 1 Page - Recom International Power

  RXXPXX-R Datasheet HTML 1Page - Recom International Power RXXPXX-R Datasheet HTML 2Page - Recom International Power RXXPXX-R Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RxxPxx/R
EN-60950-1 Certified
EN-60601-1 Certified
UL/CSA 60950-1 Certified
UL-60601-1 Certified
EN-61010-1 Certified
IEC-60601-1 CB Report
Selection Guide
Part
Reinforced
Input
Output
Output
Efficiency
Max
Number
Isolation
Voltage
Voltage
Current
Std
Capacitive
SIP 7
(kVDC)
(VDC)
(VDC)
(mA)
(%)
Load(1)
RxxP3.3S*
/R6.4 & /R8
5, 9, 12, 15, 24
3.3
303
70~80
2200µF
RxxP05S*
/R6.4 & /R8
5, 9, 12, 15, 24
5
200
75-80
1000µF
RxxP09S*
/R6.4 & /R8
5, 9, 12, 15, 24
9
111
75-82
1000µF
RxxP12S*
/R6.4 & /R8
5, 9, 12, 15, 24
12
84
75-82
470µF
RxxP15S*
/R6.4 & /R8
5, 9, 12, 15, 24
15
66
75-83
470µF
RxxP3.3D*
/R6.4 & /R8
5, 9, 12, 15, 24
±3.3
±151
72-79
±1000µF
RxxP05D*
/R6.4 & /R8
5, 9, 12, 15, 24
±5
±100
75-82
±470µF
RxxP09D*
/R6.4 & /R8
5, 9, 12, 15, 24
±9
±55
75-82
±470µF
RxxP12D*
/R6.4 & /R8
5, 9, 12, 15, 24
±12
±41
75-82
±220µF
RxxP15D*
/R6.4 & /R8
5, 9, 12, 15, 24
±15
±33
75-83
±220µF
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R05P05S/P, R05P05D/P
* add Suffix “/X2” for single output with alternative pinout, e.g.
R05P05S/X2, R05P05S/P/X2
* add Suffix “/R6.4” or “/R8” for Reinforced Isolation, e.g.
R05P05D/R6.4, R05P05S/P/X2/R8
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3, 5V output types
15% max.
(10% to 100% full load)
other output types
10% max.
Output Ripple and Noise (20MHz BW)
200mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
65% min. / 75% typ.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Reinforced Isolation /R6.4
(tested for 1 second)
6400VDC
(rated for 1 minute**)
3200VAC / 60Hz
Reinforced Isolation /R8
(tested for 1 second)
8000VDC
(rated for 1 minute**)
4000VAC / 60Hz
Isolation Capacitance
4pF min. / 10pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Case Temperature
105°C max.
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.3g
Packing Quantity
25 pcs per Tube
Potting Material
Silicone Rubber Compound (UL94V-0)
continued on next page
● UL/CSA and EN Safety certified
● EN-61010 for Test, Measurement and Lab Use
● EN-60601 for Medical Applications
● Reinforced Isolation 6.4kVDC or 8kVDC
● Optional Continuous Short Circuit Protected
● Unique Reinforced Isolation Transformer System
● /X2 Option for >9mm Input/Output Clearance
Features
Unregulated
Converters
Description
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
1 Watt
SIP 7 Single
& Dual Output
Derating-Graph
(Ambient Temperature)
The RxxPxxS_D Series of DC/DC Converters are certified to UL/CSA-60950. This makes
them ideal for safety applications where approved or reinforced isolation is required. The
reinforced versions are also EN61010-1 certified for Lab Equipment Safety.
Refer to Application Notes
E314885
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative
nature and based on our practical experience only. For
further details, please refer to our Application Notes.
REV: 2/2015
E-73
www.recom-power.com


Similar Part No. - RXXPXX-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RXXPXX RECOM-RXXPXX Datasheet
161Kb / 2P
1 Watt SIP 7 Single & Dual Output
More results

Similar Description - RXXPXX-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RXXP2XX RECOM-RXXP2XX Datasheet
127Kb / 4P
EN-60601 for Medical Applications
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
Ideally suited for medical applications
logo
ETAL Group
3130-F ETAL-3130-F Datasheet
269Kb / 6P
Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
logo
Recom International Pow...
R0.5S-D RECOM-R0.5S-D Datasheet
120Kb / 8P
Approved for Medical Applications
logo
MicroPower Direct, LLC
MA600MRWRI5 MPD-MA600MRWRI5 Datasheet
408Kb / 3P
EN 60601 Approved 2:1 Input, DIP, 6W DC/DC Con vert ers
MA300MRURI4 MPD-MA300MRURI4 Datasheet
366Kb / 3P
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
MA300MRWRI5 MPD-MA300MRWRI5 Datasheet
350Kb / 3P
EN 60601 Approved 2:1 Input, DIP, 3.5W DC/DC Con vert ers
MB1000MRWRI4 MPD-MB1000MRWRI4 Datasheet
388Kb / 3P
EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
logo
Tripp Lite. All Rights ...
N234-MI-1005 TRIPPLITE-N234-MI-1005 Datasheet
162Kb / 3P
Medical Ethernet Isolator ??RJ45, For Patient Care Vicinity, IEC 60601-1
logo
ETA-USA
MDL-SX-W5 ETA-USA-MDL-SX-W5 Datasheet
2Mb / 2P
65W Medical 60601-1 3rd Edition approved
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com