Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXXPXX-R Datasheet(PDF) 3 Page - Recom International Power

Part # RXXPXX-R
Description  EN-60601 for Medical Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RXXPXX-R Datasheet(HTML) 3 Page - Recom International Power

  RXXPXX-R Datasheet HTML 1Page - Recom International Power RXXPXX-R Datasheet HTML 2Page - Recom International Power RXXPXX-R Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ECONOLINE
DC/DC-Converter
ECONOLINE
DC/DC-Converter
RxxPxxS_D
/Rx Series
Dual Output
0.5
4.1
12.5
0.5
9.8
12
6 7
5
RECOM
R05P05D/R6.4 or
R05P05D/R8
****
RECOM
RxxPxxD/R6.4
****
Single Output
12
7
5
RECOM
RxxPxxS/R8
****
7.62
pin clearance
2.4
10.16
pin clearance
1.9
0.25
19.5
2.54
1.00ø+0.15/–0
2.54
2.4
15.24
1.9
0.25
19.5
2.54
1.00ø+0.15/–0
2.54
Single Output
12
6 7
RECOM
RxxPxxS/X2/R6.4
****
5
5
/X2 Top View
/X2 Bottom View
Top View
Bottom View
tc
Package Style and Pinning (mm)
Recommended Footprint Details
7 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
/X2
1
+Vin
+Vin
+Vin
2
-Vin
–Vin
–Vin
5
–Vout
–Vout
No Pin
6
No Pin
Com
–Vout
7
+Vout
+Vout
+Vout
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 2/2015
E-75
www.recom-power.com
EMC Filter Suggestions for EN55022 Class A and B
+
Output
Input
C2
C1
C1
C2
RxxPxx/R6.4
10μF
2n2F 8kV
Vishay HGZ222MBP
RxxPxx/R8
10μF
2n5F 10kV
Vishay HGZ222MBP
+
+
Output
Input
L1
C3
C2
C1
C1
L1
C2
C3
RxxPxx/R6.4
10μF
470μH
WE 7447471471
10μF
2n2F 8kV
Vishay HGZ222MBP
RxxPxx/R8
10μF
470μH
WE 7447471471
10μF
2n5F 10kV
Vishay HGZ222MBP
EN55022 Class A
EN55022 Class B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com