Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXXPXX-R Datasheet(PDF) 2 Page - Recom International Power

Part # RXXPXX-R
Description  EN-60601 for Medical Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RXXPXX-R Datasheet(HTML) 2 Page - Recom International Power

  RXXPXX-R Datasheet HTML 1Page - Recom International Power RXXPXX-R Datasheet HTML 2Page - Recom International Power RXXPXX-R Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
R05P05S/R6.4
R24P05S/R6.4
R12P05S/R6.4
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
R24P05S/R6.4
0.000
5.000
10.000
15.000
20.000
25.000
R05P05S/R6.4
R12P05S/R6.4
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
R05P05D/R6.4
R24P05D/R6.4
R12P05D/R6.4
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
R24P05D/R6.4
0.000
5.000
10.000
15.000
20.000
25.000
R05P05D/R6.4
R12P05D/R6.4
Typical Characteristics - Reinforced Version
ECONOLINE
DC/DC-Converter
ECONOLINE
DC/DC-Converter
MTBF (+25°C)
using MIL-HDBK 217F
2974 x 103 hours
(+85°C)
using MIL-HDBK 217F
728 x 103 hours
Reinforced Isolation
Transformer Clearance
Reinforced Types
5.5 mm min.
PCB Creepage & Clearance
Reinforced Types
4.6 mm min.
Certifications
Measurement, Control and Laboratory Use Safety
Report: T1301251-313
EN61010-1 : 2010
CSA General Safety
Report: 2207629
UL 60950-1 1st Ed.
C22.2 No. 60950-1-03
UL/cUL Medical Safety
Report: E314885-A5
UL60601-1 1st Edition
CSA Medical Safety
Report: 2207629
CAN/CSA-22.2 No 601.1-M90
EN General Safety
Report: SPCLVD1310079-1
EN60950-1 : 2006
CB/EN Medical Safety
Report: CA-10169-A1-UL
IEC/EN 60601-1 3rd Edition
ANSI/AAMI Medical Safety
Report: E314885-A5
ES60601-1 3rd Edition
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up))
Tolerance Envelope
+10%
+5%
V Nom.
+5%
– 1.5%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
RxxP05S/R6.4
RxxP05S/R8
RxxP05D/R6.4
RxxP05D/R8
RxxPxxS_D
/Rx Series
} DetailedInformationsee
Application Notes chapter "MTBF"
Notes
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
REV: 2/2015
www.recom-power.com
E-74



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com