Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MA Datasheet(PDF) 27 Page - Microchip Technology

Part # MRF24WN0MA
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MA Datasheet(HTML) 27 Page - Microchip Technology

Back Button MRF24WN0MA Datasheet HTML 23Page - Microchip Technology MRF24WN0MA Datasheet HTML 24Page - Microchip Technology MRF24WN0MA Datasheet HTML 25Page - Microchip Technology MRF24WN0MA Datasheet HTML 26Page - Microchip Technology MRF24WN0MA Datasheet HTML 27Page - Microchip Technology MRF24WN0MA Datasheet HTML 28Page - Microchip Technology MRF24WN0MA Datasheet HTML 29Page - Microchip Technology MRF24WN0MA Datasheet HTML 30Page - Microchip Technology MRF24WN0MA Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
 2015 Microchip Technology Inc.
Advance Information
DS50002410A-page 27
MRF24WN0MA/MB
5.0
ELECTRICAL CHARACTERISTICS
Table 5-1, Table 5-2, Table 5-3 and Table 5-4 provide the absolute maximum ratings, recommended operating
conditions, current consumption and the DC characteristics for digital IO pins of the module.
TABLE 5-3:
CURRENT CONSUMPTION(1) (NOMINAL CONDITIONS: 25°C, VDD = 3.3V)
TABLE 5-1:
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max Rating
Units
VDD
Voltage on VDD with respect to GND
-0.3 to 4.0
V
V
DI Min.
Minimum digital input voltage
-0.3
V
V
DO Max.
Maximum digital input voltage
VDD+0.3
V
RF
IN
Maximum RF input (referenced to 50 ohms)
+10
dBm
Note 1: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions
for extended periods may affect device reliability.
TABLE 5-2:
RECOMMENDED OPERATING CONDITIONS
Symbol
Description
Min.
Typ.
Max.
Units
VDD
Supply voltage
3.15
3.3
3.45
V
TAMB
Ambient temperature under bias
-40
--
85
°C
Parameters
Min
Typ.
Max
Units
Conditions(2)
IDD, Hibernate
—
10
—
µA
—
IDD, Receive
—
61
—
mA
11 Mbps
—
64
—
54 Mbps
—
62
—
HT20 MCS0
—
64
—
HT20 MCS7
—
72
—
HT40 MCS0
—
73
—
HT40 MCS7
IDD, Transmit
—
248
—
mA
1 Mbps
—
246
—
6 Mbps
—
242
—
11 Mbps
—
211
—
54 Mbps
—
263
—
HT20 MCS0
—
217
—
HT20 MCS7
—
222
—
HT40 MCS0
—
196
—
HT40 MCS7
Note 1: Current Consumption values represent Typical Peak currents. Wi-Fi applications typically operate at less than
85% TX duty cycle. TX current is dependent on such criteria as transmit power setting, transmit data rate, and
bandwidth used. RX current is affected by connection distance.
2: Transmit current consumption at power output levels listed in Table 5-6.
TABLE 5-4:
DC CHARACTERISTICS FOR DIGITAL IO PINS
DC CHARACTERISTICS
Operating Conditions(1)
Symbol
Parameter
Min.
Typ.
Max.
Units
VIH
High-Level Input Voltage
1.8
—
3.6
V
VIL
Low-Level Input Voltage
-0.3
—
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com