Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MA Datasheet(PDF) 13 Page - Microchip Technology

Part # MRF24WN0MA
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MA Datasheet(HTML) 13 Page - Microchip Technology

Back Button MRF24WN0MA Datasheet HTML 9Page - Microchip Technology MRF24WN0MA Datasheet HTML 10Page - Microchip Technology MRF24WN0MA Datasheet HTML 11Page - Microchip Technology MRF24WN0MA Datasheet HTML 12Page - Microchip Technology MRF24WN0MA Datasheet HTML 13Page - Microchip Technology MRF24WN0MA Datasheet HTML 14Page - Microchip Technology MRF24WN0MA Datasheet HTML 15Page - Microchip Technology MRF24WN0MA Datasheet HTML 16Page - Microchip Technology MRF24WN0MA Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2015 Microchip Technology Inc.
Advance Information
DS50002410A-page 13
MRF24WN0MA/MB
2.4
Interrupt Pin
The SPI_INT line works in conjunction with the SPI
port. It is an active-low output signal to the host MCU to
signal an interrupt event.
2.5
VDD and GND Pin
The MRF24WN0MA/MB wireless module contains an
integrated power management unit that generates all
necessary voltages required by the internal circuitry.
The module is powered from a single voltage source.
Table 2-3 lists the recommended bypass capacitors.
The capacitors must be closely placed to the module.
2.6
Hibernate
The module enters the lowest power mode when the
HIBERNATE pin is asserted low. No state information
is preserved. The MPLAB Harmony framework can
save state information in the host MCU that can be
restored after wake-up (HIBERNATE pin is asserted
high).
The module can wake-up when HIBERNATE pin is
asserted high. The module must be initialized and any
state information saved prior to Hibernate state is
restored. This process approximately takes 40 ms.
TABLE 2-3:
RECOMMENDED BYPASS
CAPACITORS
Pin
Symbol
Bypass Capacitors
4
VDD
0.1 µF and 2.2 µF
15
VDD
0.1 µF and 2.2 µF
35
VDD
0.1 µF and 2.2 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com