Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WN0MA Datasheet(PDF) 5 Page - Microchip Technology

Part # MRF24WN0MA
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WN0MA Datasheet(HTML) 5 Page - Microchip Technology

  MRF24WN0MA Datasheet HTML 1Page - Microchip Technology MRF24WN0MA Datasheet HTML 2Page - Microchip Technology MRF24WN0MA Datasheet HTML 3Page - Microchip Technology MRF24WN0MA Datasheet HTML 4Page - Microchip Technology MRF24WN0MA Datasheet HTML 5Page - Microchip Technology MRF24WN0MA Datasheet HTML 6Page - Microchip Technology MRF24WN0MA Datasheet HTML 7Page - Microchip Technology MRF24WN0MA Datasheet HTML 8Page - Microchip Technology MRF24WN0MA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 2015 Microchip Technology Inc.
Advance Information
DS50002410A-page 5
MRF24WN0MA/MB
TABLE 1-2:
PIN DESCRIPTIONS
Pin
Name
Type
Description(1)
1GND
Power
—
2
TEST
Test
Do not connect
3GND
Power
—
4
VDD
Power
—
5
NC
Reserved
Do not connect
6
NC
Reserved
Do not connect
7
NC
Reserved
Do not connect
8
NC
Reserved
Do not connect
9
NC
Reserved
Do not connect
10
NC
Reserved
Do not connect
11
NC
Reserved
Do not connect
12
NC
Reserved
Do not connect
13
SPI_CLK
DI
SPI clock input
14
SPI_MISO
DO
SPI data output; pull-down to GND with 10 kilo-ohm
resistor
15
VDD
Power
—
16
GND
Power
—
17
TEST
Test
Do not connect
18
TEST
Test
Do not connect
19
HIBERNATE
DI
Lowest Power State (active-low)
20
SPI_INT
DO
SPI interrupt output (active-low)
21
MODE0
DI
Mode select 0; Connect to GND(2)
22
SPI_MOSI
DI
SPI data input
23
SPI_CS/MODE1
DI
SPI Chip Select/Mode select 1; Connect to VDD via
10 kilo-ohm pull-up resistor(2)(3)
24
GND
Power
—
25
NC
Reserved
Do not connect
26
NC
Reserved
Do not connect
27
GND
Power
—
28
NC
Reserved
Do not connect
29
NC
Reserved
Do not connect
30
NC
Reserved
Do not connect
31
NC
Reserved
Do not connect
32
NC
Reserved
Do not connect
33
NC
Reserved
Do not connect
34
GND
Power
—
35
VDD
Power
—
36
GND
Power
—
37
GND
Power
—
Legend: A = Analog, D = Digital, I = Input, O = Output
Note 1: For NC = No Connect pins, do not make any connection. The module is configured with internal pull-up
and pull-down resistors.
2: Refer to Section 2.2, "MODE0 and MODE1 Pins"
3: Refer to Section 2.3, "SPI Port Pins"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com