Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61070 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61070
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61070 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61070 Datasheet HTML 6Page - Texas Instruments TPS61070 Datasheet HTML 7Page - Texas Instruments TPS61070 Datasheet HTML 8Page - Texas Instruments TPS61070 Datasheet HTML 9Page - Texas Instruments TPS61070 Datasheet HTML 10Page - Texas Instruments TPS61070 Datasheet HTML 11Page - Texas Instruments TPS61070 Datasheet HTML 12Page - Texas Instruments TPS61070 Datasheet HTML 13Page - Texas Instruments TPS61070 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
VI = 3.6 V, IL = 20 mA to 80 mA, VO = 5 V
t − Time − 2 ms/div
VI = 1.8 V to 2.4 V, RL = 33 W, VO = 3.3 V
t − Time − 2 ms/div
VI = 3 V to 3.6 V, RL = 25 W, VO = 5 V
t − Time − 2 ms/div
VI =2.4V,
RL =33 ,
VO =3.3V
t − Time − 200 µs/div
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510A – JULY 2006 – REVISED JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
TPS61071
TPS61071
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 15.
Figure 16.
TPS61071
TPS61070
LINE TRANSIENT RESPONSE
START-UP AFTER ENABLE
Figure 17.
Figure 18.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com