Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61070 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61070
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61070 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS61070 Datasheet HTML 13Page - Texas Instruments TPS61070 Datasheet HTML 14Page - Texas Instruments TPS61070 Datasheet HTML 15Page - Texas Instruments TPS61070 Datasheet HTML 16Page - Texas Instruments TPS61070 Datasheet HTML 17Page - Texas Instruments TPS61070 Datasheet HTML 18Page - Texas Instruments TPS61070 Datasheet HTML 19Page - Texas Instruments TPS61070 Datasheet HTML 20Page - Texas Instruments TPS61070 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.ti.com
C5
0.1 µF
DS1
C6
1 µF
VCC2 ~−VCC
Unregulated
AuxiliaryOutput
SW
C1
Power
Supply
L1
VBAT
VOUT
FB
C2
EN
GND
TPS6107x
ListofComponents:
U1= TPS61070DDC
L1= 4.7µHWurthElektronik744031004
C1=2x4.7 µF,0603,X7R/X5RCeramic
C2=2x4.7 µF,0603,X7R/X5RCeramic
VCC
BoostOutput
R1
R2
THERMAL INFORMATION
P
D(MAX)
+
T
J(MAX)
* T
A
R
q
JA
+ 125°C * 85°C
130
°C W
+ 308 mW
(8)
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510A – JULY 2006 – REVISED JANUARY 2007
Figure 28. Power Supply Solution With Auxiliary Negative Output Voltage
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the
power-dissipation limits of a given component.
Three basic approaches for enhancing thermal performance follow.
• Improving the power dissipation capability of the PCB design
• Improving the thermal coupling of the component to the PCB
• Introducing airflow in the system
The maximum recommended junction temperature (TJ) of the TPS6107x devices is 125°C. The thermal
resistance of the 6-pin thin SOT package (DDC) is RΘJA = 130°C/W. Specified regulator operation is assured to
a maximum ambient temperature TA of 85°C. Therefore, the maximum power dissipation is about 308 mW. More
power can be dissipated if the maximum ambient temperature of the application is lower.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com