Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61070 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61070
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61070 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61070 Datasheet HTML 9Page - Texas Instruments TPS61070 Datasheet HTML 10Page - Texas Instruments TPS61070 Datasheet HTML 11Page - Texas Instruments TPS61070 Datasheet HTML 12Page - Texas Instruments TPS61070 Datasheet HTML 13Page - Texas Instruments TPS61070 Datasheet HTML 14Page - Texas Instruments TPS61070 Datasheet HTML 15Page - Texas Instruments TPS61070 Datasheet HTML 16Page - Texas Instruments TPS61070 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ti.com
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
0.13
0.14
0.15
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
-OutputVoltage-V
O
VBAT=1.2V
VBAT=1.8V
VBAT=2.4V
VBAT=3.6V
VBAT=5V
Power-Save Mode
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510A – JULY 2006 – REVISED JANUARY 2007
DETAILED DESCRIPTION (continued)
Figure 22. Precharge and Short Circuit Current
After charging the output capacitor to the input voltage, the device starts switching. If the input voltage is below
1.8 V, the device works with a fixed duty cycle of 70% until the output voltage reaches 1.8 V. After that the duty
cycle is set depending on the input output voltage ratio. Until the output voltage reaches its nominal value, the
boost switch current limit is set to 50% of its nominal value to avoid high peak currents at the battery during
start-up. As soon as the output voltage is reached, the regulator takes control, and the switch current limit is set
back to 100%.
The TPS61070 and TPS61073(1) are capable of operating in two different modes. At light loads, when the
inductor current becomes zero, they automatically enter the power-save mode to improve efficiency. In the
power-save mode, the converters only operate when the output voltage trips below a set threshold voltage. It
ramps up the output voltage with one or several pulses and returns to the power-save mode once the output
voltage exceeds the set threshold voltage. If output power demand increases and the inductor current no longer
goes below zero, the device again enters the fixed PWM mode. In this mode, there is no difference between the
PWM only versions TPS61071 and TPS61072 and the power-save mode enabled versions TPS61070 and
TPS61073.
(1)
TPS61073 is in the prodcut preview stage of development.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com