Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000IPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000IPW
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000IPW Datasheet(HTML) 4 Page - Texas Instruments

  TSC2000IPW Datasheet HTML 1Page - Texas Instruments TSC2000IPW Datasheet HTML 2Page - Texas Instruments TSC2000IPW Datasheet HTML 3Page - Texas Instruments TSC2000IPW Datasheet HTML 4Page - Texas Instruments TSC2000IPW Datasheet HTML 5Page - Texas Instruments TSC2000IPW Datasheet HTML 6Page - Texas Instruments TSC2000IPW Datasheet HTML 7Page - Texas Instruments TSC2000IPW Datasheet HTML 8Page - Texas Instruments TSC2000IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
www.ti.com
TSC2000
SBAS257
TIMING DIAGRAM
All specifications typical at –40
°C to +85°C, +V
DD = +2.7V.
t
td
t
Lag
t
dis
t
Lead
t
sck
t
wsck
t
wsck
t
hi
t
su
t
ho
t
a
t
v
t
r
t
f
SS
SCLK
MSB OUT
MSB IN
LSB IN
LSB OUT
BIT 6 ... 1
BIT 6 ... 1
MISO
MOSI
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Period
tsck
30
ns
Enable Lead Time
tLead
15
ns
Enable Lag Time
tLag
15
ns
Sequential Transfer Delay
ttd
30
ns
Data Setup Time
tsu
10
ns
Data Hold Time (inputs)
thi
10
ns
Data Hold Time (outputs)
tho
0ns
Slave Access Time
ta
15
ns
Slave DOUT Disable Time
tdis
15
ns
DataValid
tv
10
ns
Rise Time
tr
30
ns
Fall Time
tf
30
ns
TIMING CHARACTERISTICS(1)(2)
At –40
°C to +85°C, +V
DD = +2.7V, VREF = +2.5V, unless otherwise noted.
TSC2000
NOTES: (1) All input signals are specified with tr = tf = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. (2) See timing diagram below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com