Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000IPW
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2000IPW Datasheet HTML 5Page - Texas Instruments TSC2000IPW Datasheet HTML 6Page - Texas Instruments TSC2000IPW Datasheet HTML 7Page - Texas Instruments TSC2000IPW Datasheet HTML 8Page - Texas Instruments TSC2000IPW Datasheet HTML 9Page - Texas Instruments TSC2000IPW Datasheet HTML 10Page - Texas Instruments TSC2000IPW Datasheet HTML 11Page - Texas Instruments TSC2000IPW Datasheet HTML 12Page - Texas Instruments TSC2000IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
www.ti.com
TSC2000
SBAS257
FIGURE 2. 4-Wire Touch Screen Construction.
FIGURE 3. Pressure Measurement.
OPERATION—TOUCH SCREEN
A resistive touch screen works by applying a voltage across
a resistor network and measuring the change in resistance at
a given point on the matrix where a screen is touched by an
input stylus, pen, or finger. The change in the resistance ratio
marks the location on the touch screen.
The TSC2000 supports the resistive 4-wire configurations
(see Figure 1). The circuit determines location in two coordi-
nate pair dimensions, although a third dimension can be
added for measuring pressure.
THE 4-WIRE TOUCH SCREEN COORDINATE
PAIR MEASUREMENT
A 4-wire touch screen is constructed as shown in Figure 2.
It consists of two transparent resistive layers separated by
insulating spacers.
The 4-wire touch screen panel works by applying a voltage
across the vertical or horizontal resistive network. The A/D
converter converts the voltage measured at the point the
panel is touched. A measurement of the Y-position of the
pointing device is made by connecting the X+ input to a data
converter chip, turning on the Y+ and Y– drivers, and
digitizing the voltage seen at the X+ input. The voltage
measured is determined by the voltage divider developed at
the point of touch. For this measurement, the horizontal
panel resistance in the X+ lead does not affect the conver-
sion due to the high input impedance of the A/D converter.
Voltage is then applied to the other axis, and the A/D
converter converts the voltage representing the X-position on
the screen. This provides the X- and Y-coordinates to the
associated processor.
Measuring touch pressure (Z) can also be done with the
TSC2000. To determine pen or finger touch, the pressure of
the “touch” needs to be determined. Generally, it is not
necessary to have very high performance for this test, there-
fore, the 8-bit resolution mode is recommended (however,
calculations will be shown with the 12-bit resolution mode).
There are several different ways of performing this measure-
ment. The TSC2000 supports two methods. The first method
requires knowing the X-plate resistance, measurement of the
X-position, and two additional cross panel measurements (Z2
and Z1) of the touch screen, as seen in Figure 3. Using
Equation 1 will calculate the touch resistance:
RR
X-Position
4096
Z
Z
–1
TOUCH
X-Plate
2
1
=


(1)
The second method requires knowing both the X-plate and
Y-plate resistance, measurement of X-position and Y-posi-
tion, and Z1. Using Equation 2 will also calculate the touch
resistance:
(2)
RR
X-Position
4096
4096
Z
–1R
Y-Position
4096
TOUCH
X-Plate
1
-Plate
=


••
Y
When the touch panel is pressed or touched, and the drivers
to the panel are turned on, the voltage across the touch panel
will often overshoot and then slowly settle (decay) down to a
stable DC value. This is due to mechanical bouncing which
is caused by vibration of the top layer sheet of the touch
panel when the panel is pressed. This settling time must be
accounted for, or else the converted value will be in error.
Therefore, a delay must be introduced between the time the
driver for a particular measurement is turned on, and the time
measurement is made.
Conductive Bar
Insulating
Material
(Glass)
Silver
Ink
Transparent
Conductor (ITO)
Bottom Side
Transparent
Conductor (ITO)
Top Side
X+
X–
Y+
Y–
ITO = Indium Tin Oxide
X-Position
Measure X-Position
Measure Z
1-Position
Touch
X+
Y+
X–
Y–
Z
1-Position
Touch
X+
Y+
Y–
X–
Measure Z
2-Position
Z
2-Position
Touch
X+
Y+
Y–
X–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com