Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000IPW
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000IPW Datasheet(HTML) 1 Page - Texas Instruments

  TSC2000IPW Datasheet HTML 1Page - Texas Instruments TSC2000IPW Datasheet HTML 2Page - Texas Instruments TSC2000IPW Datasheet HTML 3Page - Texas Instruments TSC2000IPW Datasheet HTML 4Page - Texas Instruments TSC2000IPW Datasheet HTML 5Page - Texas Instruments TSC2000IPW Datasheet HTML 6Page - Texas Instruments TSC2000IPW Datasheet HTML 7Page - Texas Instruments TSC2000IPW Datasheet HTML 8Page - Texas Instruments TSC2000IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FEATURES
q 4-WIRE TOUCH SCREEN INTERFACE
q RATIOMETRIC CONVERSION
q SINGLE 2.7V TO 3.6V SUPPLY
q SERIAL INTERFACE
q INTERNAL DETECTION OF SCREEN TOUCH
q PROGRAMMABLE 8-, 10-, OR 12-BIT
RESOLUTION
q PROGRAMMABLE SAMPLING RATES
q DIRECT BATTERY MEASUREMENT (0.5V to 6V)
q ON-CHIP TEMPERATURE MEASUREMENT
q TOUCH-PRESSURE MEASUREMENT
q FULL POWER-DOWN CONTROL
q TSSOP-20 PACKAGE
APPLICATIONS
q PERSONAL DIGITAL ASSISTANTS
q CELLULAR PHONES
q MP3 PLAYERS
PDA ANALOG INTERFACE CIRCUIT
DESCRIPTION
The TSC2000 is a complete PDA analog interface circuit. It
contains a complete 12-bit, Analog-to-Digital (A/D) resistive
touch screen converter including drivers, the control to mea-
sure touch pressure, and an 8-bit Digital-to-Analog (D/A)
converter output for LCD contrast control.
The TSC2000
interfaces to the host controller through a standard SPI™
serial interface. The TSC2000 offers programmable resolution
and sampling rates from 8- to 12-bits and up to 125kHz to
accommodate different screen sizes.
The TSC2000 also offers two battery-measurement inputs,
one of which is capable of reading battery voltages up to 6V
while operating at only 2.7V. It also has an on-chip temperature
sensor capable of reading 0.3
°C resolution. The TSC2000 is
available in a TSSOP-20 package.
TSC2000
SBAS257 – FEBRUARY 2002
SPI is a registered trademark of Motorola.
US Patent No. 624639.
A/D Converter
Internal 2.5V
Reference
MUX
Serial
Interface
and
Control
Logic
D/A Converter
MISO
SS
SCLK
MOSI
DAV
PENIRQ
Touch Panel
Drivers
Temp Sensor
Battery Monitor
Battery Monitor
X+
X–
Y+
Y–
V
BAT1
V
BAT2
Clock
AUX1
AUX2
V
REF
ARNG
A
OUT
®
TSC2
000


Similar Part No. - TSC2000IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2000IPW TI-TSC2000IPW Datasheet
514Kb / 35P
PDA ANALOG INTERFACE CIRCUIT
TSC2000IPW TI1-TSC2000IPW Datasheet
1Mb / 38P
PDA ANALOG INTERFACE CIRCUIT
TSC2000IPW TI2-TSC2000IPW Datasheet
592Kb / 38P
PDA ANALOG INTERFACE CIRCUIT
FEBRUARY 2002
TSC2000IPW.B TI2-TSC2000IPW.B Datasheet
592Kb / 38P
PDA ANALOG INTERFACE CIRCUIT
FEBRUARY 2002
TSC2000IPWG4 TI1-TSC2000IPWG4 Datasheet
1Mb / 38P
PDA ANALOG INTERFACE CIRCUIT
More results

Similar Description - TSC2000IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
ANALOG INTERFACE CIRCUIT
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
Wide-Band Analog Interface Circuit
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
PDA ANALOG INTERFACE CIRCUIT
TLC320V343 TI1-TLC320V343 Datasheet
424Kb / 30P
SINGLE-SUPPLY ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
Sigma-Delta Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
Single-Supply Analog Interface Circuit
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
PDA ANALOG INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com