Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM136 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM136
Description  2.5V REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM136 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM136 Datasheet HTML 1Page - National Semiconductor (TI) LM136 Datasheet HTML 2Page - National Semiconductor (TI) LM136 Datasheet HTML 3Page - National Semiconductor (TI) LM136 Datasheet HTML 4Page - National Semiconductor (TI) LM136 Datasheet HTML 5Page - National Semiconductor (TI) LM136 Datasheet HTML 6Page - National Semiconductor (TI) LM136 Datasheet HTML 7Page - National Semiconductor (TI) LM136 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MICROCIRCUIT DATA SHEET
MNLM136-2.5-X REV 0A0
(Absolute Maximum Ratings)
(Note 1)
Reverse Current
15mA
Forward Current
10mA
Storage Temperature
-60 C to +150 C
Operating Ambient Temperature
(Note 2)
-55 C to +125 C
Maximum Junction Temperture
(Note 2)
150 C
Lead Temperture
300 C
(Soldering, 10 Seconds)
Thermal Resistance
ThetaJA
354 C/W
(Still Air Flow)
77 C/W
(500LF/Min Air Flow)
46 C/W
ThetaJC
Package Weight
TBD
(Typical)
ESD Rating
(Note 3)
1000V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is functional, but do not
guaranteed specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is
dictated by Tjmax (maximum junction temperature), ThetaJA (package junction to
ambient thermal resistance), and TA (ambient temperature). The maxium allowable power
dissipation at any temperature is Pdmax = (Tjmax - TA) /ThetaJA or the number given
in the Absolute Maximum Ratings, whichever is lower.
Note 3:
Human body model, 1.5K Ohms in series with 100pF.
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com