Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM136 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM136
Description  2.5V REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM136 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM136 Datasheet HTML 1Page - National Semiconductor (TI) LM136 Datasheet HTML 2Page - National Semiconductor (TI) LM136 Datasheet HTML 3Page - National Semiconductor (TI) LM136 Datasheet HTML 4Page - National Semiconductor (TI) LM136 Datasheet HTML 5Page - National Semiconductor (TI) LM136 Datasheet HTML 6Page - National Semiconductor (TI) LM136 Datasheet HTML 7Page - National Semiconductor (TI) LM136 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Original Creation Date: 07/10/95
Last Update Date: 12/13/99
Last Major Revision Date: 12/03/99
MNLM136-2.5-X REV 0A0
MICROCIRCUIT DATA SHEET
2.5V REFERENCE DIODE
General Description
The LM136-2.5 integrated circuit is a precision 2.5V shunt regulator diode. This
monolithic IC voltage reference operates as a low-temperature-coefficient 2.5V zener with
0.2 Ohms dynamic impedance. A third terminal on ther LM136-2.5 allows the reference
voltage and temperature coefficient to be trimmed easily.
The LM136-2.5 is useful as a precision 2.5V low voltage reference for digital voltmeters,
power supplies or op amp circuitry.
The 2.5V makes it convenient to obtain a stable
reference from 5V logic supplies.
Further, since the LM136-2.5 operates as a shunt
regulator, it can be used as either a positive or negative voltage reference.
NS Part Numbers
LM136H-2.5/883
Industry Part Number
LM136
Prime Die
LM136
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - LM136

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5 Datasheet
223Kb / 12P
Reference Diode
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
2.5V Reference
logo
National Semiconductor ...
LM136-2.5 NSC-LM136-2.5 Datasheet
679Kb / 12P
Reference Diode
logo
Texas Instruments
LM136-2.5 TI1-LM136-2.5 Datasheet
676Kb / 14P
Reference Diode
LM136-2.5 TI-LM136-2.5 Datasheet
676Kb / 14P
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
More results

Similar Description - LM136

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
2.5V Reference
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
LM136A-2.5QML 2.5V Reference Diode
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
logo
Texas Instruments
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
LM136A-2.5QML 2.5V Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com