Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM136 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM136
Description  2.5V REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM136 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM136 Datasheet HTML 1Page - National Semiconductor (TI) LM136 Datasheet HTML 2Page - National Semiconductor (TI) LM136 Datasheet HTML 3Page - National Semiconductor (TI) LM136 Datasheet HTML 4Page - National Semiconductor (TI) LM136 Datasheet HTML 5Page - National Semiconductor (TI) LM136 Datasheet HTML 6Page - National Semiconductor (TI) LM136 Datasheet HTML 7Page - National Semiconductor (TI) LM136 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MNLM136-2.5-X REV 0A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Iz = 1mA
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Iadj
Adjust Current
Vadj = 0.7V
-125
+125
uA
1, 2,
3
Delta Vz
Delta Zener
Voltage
0.4mA < Iz < 10 mA
6mV
1
10
mV
2, 3
Vz
Zener Voltage
Vadj = Open
2.44
2.54
V
1
2.42
2.56
V
2, 3
Vadj = 0.7V
2.39
2.49
V
1
2.29
2.49
V
2, 3
Vadj = 1.9V
2.49
2.69
V
1, 2,
3
Zrd
Reverse Dyn. Imp.
1
1
Ohm
1, 2,
3
Vstab
Temp Stability
Vz = Adjusted to 2.490V
2
18
mV
2, 3
Note 1:
Parameter tested go-no-go only.
Note 2:
Tested on Auto Drift Oven.
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com