Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3230D Datasheet(PDF) 5 Page - Micronas

Part # VPC3230D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3230D Datasheet(HTML) 5 Page - Micronas

  VPC3230D Datasheet HTML 1Page - Micronas VPC3230D Datasheet HTML 2Page - Micronas VPC3230D Datasheet HTML 3Page - Micronas VPC3230D Datasheet HTML 4Page - Micronas VPC3230D Datasheet HTML 5Page - Micronas VPC3230D Datasheet HTML 6Page - Micronas VPC3230D Datasheet HTML 7Page - Micronas VPC3230D Datasheet HTML 8Page - Micronas VPC3230D Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
5
Comb Filter Video Processor
1. Introduction
The VPC 323xD/324xD is a high-quality, single-chip
video front-end, which is targeted for 4:3 and 16:9, 50/
60 and 100/120 Hz TV sets. It can be combined with
other members of the DIGIT3000 IC family (such as
DDP 33x0A/B, TPU 3040) and/or it can be used with
3rd-party products.
The main features of the VPC 323xD/324xD are
– high-performance adaptive 4H comb filter Y/C sepa-
rator with adjustable vertical peaking
– multi-standard color decoder PAL/NTSC/SECAM
including all substandards
– four CVBS, one S-VHS input, one CVBS output
–two RGB/YCrCb component inputs, one Fast Blank
(FB) input
– integrated high-quality A/D converters and associ-
ated clamp and AGC circuits
– multi-standard sync processing
– linear horizontal scaling (0.25 ... 4), as well as
non-linear horizontal scaling ‘panorama vision’
– PAL+ preprocessing (VPC 323xD)
– line-locked clock, data and sync, or 656-output inter-
face (VPC 323xD)
– display and deflection control (VPC 324xD)
– peaking, contrast, brightness, color saturation and
tint for RGB/ YCrCb and CVBS/S-VHS
– high-quality soft mixer controlled by Fast Blank
– PIP processing for four picture sizes (
, or
of
normal size) with 8 bit resolution
– 15 predefined PIP display configurations and expert
mode (fully programmable)
– control interface for external field memory
–I2C-Bus Interface
– one 20.25 MHz crystal, few external components
– 80-pin PQFP package
1.1. System Architecture
Fig.1–1 shows the block diagram of the video proces-
sor
Fig. 1–1: .Block diagram of the VPC 323xD
1
4
---
1
9
---
1
16
------
,,
1
36
---
Mixer
CIN
VIN1
VIN2
VIN3
VIN4
VOUT
Adaptive
Comb
Color
Decoder
Output
Formatter
Matrix
Filter
2D Scaler
Panorama
Mode
PIP
ITU-R 656
ITU-R 601
Memory
Control
Sync
AGC
Contrast
Saturation
Brightness
Tint
NTSC
PAL
NTSC
PAL
SECAM
+
Clock
Generation
CrCb
OUT
Y OUT
YCOE
FIFO
CNTL
H Sync
V Sync
AVO
I2C Bus
20.25 MHz
RGB/
FB
Y
Cb
Cr
Y
Cb
Cr
Y/G
U/B
Y
Cb
Cr
LLClock
Saturation
Tint
Analog
Front-end
Contrast
Brightness
Peaking
Clock
Gen.
I2C Bus
V/R
FB
FB
YCrCb
RGB/
YCrCb
2
×ADC
Analog
Component
Front-End
4 x ADC
Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com