Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3230D Datasheet(PDF) 7 Page - Micronas

Part # VPC3230D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3230D Datasheet(HTML) 7 Page - Micronas

Back Button VPC3230D Datasheet HTML 3Page - Micronas VPC3230D Datasheet HTML 4Page - Micronas VPC3230D Datasheet HTML 5Page - Micronas VPC3230D Datasheet HTML 6Page - Micronas VPC3230D Datasheet HTML 7Page - Micronas VPC3230D Datasheet HTML 8Page - Micronas VPC3230D Datasheet HTML 9Page - Micronas VPC3230D Datasheet HTML 10Page - Micronas VPC3230D Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
7
1.3. VPC Applications
Fig. 1–2 depicts several VPC applications. Since the
VPC functions as a video front-end, it must be comple-
mented with additional functionality to form a complete
TV set.
The DDP 33x0 contains the video back-end with video
postprocessing (contrast, peaking, DTI,...), H/V-deflec-
tion, RGB insertion (SCART, Text, PIP,...) and tube
control (cutoff, white drive, beam current limiter). It
generates a beam scan velocity modulation output
from the digital YCrCb and RGB signals. Note that this
signal is not generated from the external analog RGB
inputs.
The component interface of the VPC 32xxD provides a
high-quality analog RGB interface with character inser-
tion capability. It also allows appropriate processing of
external sources, such as MPEG2 set-top boxes in
transparent (4:2:2) quality. Furthermore, it transforms
RGB/Fast Blank signals to the common digital video
bus and makes those signals available for 100-Hz up-
conversion or double-scan processing. In some Euro-
pean countries (Italy), this feature is mandatory.
The IP indicates memory based image processing,
such as scan rate conversion, vertical processing
(Zoom), or PAL+ reconstruction. The VPC supports
memory based applications through line-locked clocks,
syncs and data. Additionally, the VPC323xD provides
a 656-output interface and FIFO control signals.
Examples:
– Europe: 15 kHz/50 Hz
→ 32 kHz/100 Hz interlaced
– US: 15 kHz/60 Hz
→ 32 kHz/60 Hz non-interlaced
Fig. 1–2: VPC 32xxD applications
a) 15 kHz application Europe
b) double scan application (US, Japan) with YCrCb inputs
c) 100 Hz application (Europe) with RGBFB inputs
b)
c)
RGB
H/V
RGB
RGB
Defl.
H/V
H/V
Defl.
Defl.
DDP
3310B
DDP
3310B
DDP
3300A
IP
IP
VPC
32xxD
VPC
32xxD
RGB
VPC
32xxD
CVBS
YCrCb/RGBFB
CVBS
YCrCb
CVBS
YCrCb/RGBFB
a)
VPC
32xxD
FIFO
YCrCb/RGBFB
CVBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com