Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3230D Datasheet(PDF) 18 Page - Micronas

Part # VPC3230D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3230D Datasheet(HTML) 18 Page - Micronas

Back Button VPC3230D Datasheet HTML 14Page - Micronas VPC3230D Datasheet HTML 15Page - Micronas VPC3230D Datasheet HTML 16Page - Micronas VPC3230D Datasheet HTML 17Page - Micronas VPC3230D Datasheet HTML 18Page - Micronas VPC3230D Datasheet HTML 19Page - Micronas VPC3230D Datasheet HTML 20Page - Micronas VPC3230D Datasheet HTML 21Page - Micronas VPC3230D Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
18
Micronas
2.9.2. Sync Signals
The front end will provide a number of sync/control sig-
nals which are output with the output clock. The sync
signals are generated in the line-locked clock block.
– Href:
horizontal sync
– AVO:
active video out (programmable)
– HC:
horizontal clamp (programmable)
– Vref:
vertical sync
– INTLC:
interlace
All horizontal signals are not qualified with field infor-
mation, i.e. the signals are present on all lines. The
horizontal timing is shown in Fig. 2–16. Details of the
horizontal/vertical timing are given in Fig. 2–20.
Note: In the ITU-R656 compliant output format, the
sync information is embedded in the data stream.
2.9.3. DIGIT3000 Output Format
The picture bus format between all DIGIT3000 ICs is
4:2:2 YCrCb with 20.25 MHz samples/s. Only active
video is transferred, synchronized by the system main
sync signal (MSY) which indicates the start of valid
data for each scan line and which initializes the color
multiplex. The video data is orthogonally sampled
YCrCb, the output format is given in Table 2–4. The
number of active samples per line is 1080 for all stan-
dards (525 and 625).
The output can be switched to 4:1:1 mode with the out-
put format according to Table 2–5.
Via the MSY line, serial data is transferred which con-
tains information about the main picture such as cur-
rent line number, odd/even field etc.). It is generated by
the deflection circuitry and represents the orthogonal
timebase for the entire system.
2.9.4. Line-Locked 4:2:2 Output Format
In line-locked mode, the VPC 32xx will produce the
industry standard pixel stream for YCrCb data. The dif-
ference to DIGIT3000 native mode is only the number
of active samples, which of course, depends on the
chosen scaling factor. Thus, Table 2–4 is valid for both
4:2:2 modes.
2.9.5. Line-Locked 4:1:1 Output Format
The orthogonal 4:1:1 output format is compatible to the
industry standard. The YCrCb samples are skew-cor-
rected and interpolated to an orthogonal sampling ras-
ter (see Table 2–5).
note: C*x
Y
(x = pixel number and y = bit number)
2.9.6. ITU-R 656 Output Format
This interface uses a YCrCb 4:2:2 data stream at a
line-locked clock of 13.5 MHz. Luminance and chromi-
nance information is multiplexed to 27 MHz in the fol-
lowing order:
Cb1, Y1, Cr1, Y2, ...
Timing reference codes are inserted into the data
stream at the beginning and the end of each video line:
– a ‘Start of active video’-Header (SAV) is inserted
before the first active video sample
– a ‘End of active video’-code (EAV) is inserted after
the last active video sample.
The incoming videostream is limited to a range of
1...254 since the data words 0 and 255 are used for
identification of the reference headers. Both headers
contain information about the field type and field blank-
ing. The data words occurring during the horizontal
blanking interval between EAV and SAV are filled with
0x10 for luminance and 0x80 for chrominance informa-
tion. Table 2–6 shows the format of the SAV and EAV
header.
For activation of this output format, the following selec-
tions must be assured:
– 13.5 MHz line locked clock
– double-clock mode enabled
– ITU-R656-mode enabled
– binary offset for Cr/Cb data
Note that the following changes and extensions to the
ITU-R656 standard have been included to support hor-
izontal and vertical scaling:
Table 2–4: Orthogonal 4:2:2 output format
Luma
Y1
Y2
Y3
Y4
Chroma
Cb1
Cr1
Cb3
Cr3
Table 2–5: 4:1:1 Orthogonal output format
Luma
Chroma
Y1
Y2
Y3
Y4
C3, C7
C2, C6
C1, C5
C0, C4
Cb1
7
Cb1
6
Cr1
7
Cr1
6
Cb1
5
Cb1
4
Cr1
5
Cr1
4
Cb1
3
Cb1
2
Cr1
3
Cr1
2
Cb1
1
Cb1
0
Cr1
1
Cr1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com