Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3215C Datasheet(PDF) 32 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 32 Page - Micronas

Back Button VPC3215C Datasheet HTML 28Page - Micronas VPC3215C Datasheet HTML 29Page - Micronas VPC3215C Datasheet HTML 30Page - Micronas VPC3215C Datasheet HTML 31Page - Micronas VPC3215C Datasheet HTML 32Page - Micronas VPC3215C Datasheet HTML 33Page - Micronas VPC3215C Datasheet HTML 34Page - Micronas VPC3215C Datasheet HTML 35Page - Micronas VPC3215C Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
32
Micronas
Table 3–1: Control and status registers
I2C Sub-
address
Number
of bits
Mode
Function
Default
Name
FP Interface
h’35
8
r
FP status
bit [0]
write request
bit [1]
read request
bit [2]
busy
–FPSTA
h’36
16
w
bit[8:0]
9-bit FP read address
bit[11:9]
reserved, set to zero
–FPRD
h’37
16
w
bit[8:0]
9-bit FP write address
bit[11:9]
reserved, set to zero
–FPWR
h’38
16
w/r
bit[11:0]
FP data register, reading/writing to this
register will autoincrement the FP read/
write address. Only 16 bit of data are
transferred per I2C telegram.
–FPDAT
Black Line Detector
h’12
16
w/r
read only register, do not write to this register! After reading,
LOWLIN and UPLIN are reset to 127 to start a new measure-
ment.
bit[6:0]
number of lower black lines
bit[7]
always 0
bit[14:8]
number of upper black lines
bit[15]
0/1
normal/black picture
–BLKLIN
LOWLIN
UPLIN
BLKPIC
Pin Circuits
h’1F
16
w/r
SYNC PIN CONTROL:
bit[2:0]
0..7
reserved (set to 0)
bit[3]
0/1
pushpull/tristate for AVO Pin
bit[4]
0/1
pushpull/tristate for other video SYNC Pins
bit[5]
0
reserved (set to zero)
CLOCK/FIFO PIN CONTROL:
bit[6]
0/1
pushpull/tristate for LLC1
bit[7]
0/1
pushpull/tristate for LLC2
bit[8]
0
reserved (set ot 0)
bit[9]
0/1
pushpull/tristate for FIFO control pins
LUMA/CHROMA DATA PIN (LB[7:0], CB[7:0]) CONTROL:
bit[10]
0/1
tristate/pushpull for Chroma Data pins
bit[11]
0/1
tristate/pushpull for Luma Data pins
bit[15:12]
reserved (set to 0)
0
0
0
0
0
0
0
0
0
0
0
0
TRPAD
AVODIS
SNCDIS
LLC1DIS
LLC2DIS
FFSNCDIS
CDIS
YDIS
h’20
8
w/r
SYNC GENERATOR CONTROL:
bit[1:0]
00
AVO and active Y/C data at same time
01
AVO precedes Y/C data one clock cycle
10
AVO precedes Y/C data two clock cycles
11
AVO precedes Y/C data three clock cycles
bit[2]
0/1
positive/negative polarity for HS signal
bit[3]
0/1
positive/negative polarity for HC signal
bit[4]
0/1
positive/negative polarity for AVO signal
bit[5]
0/1
positive/negative polarity for VS signal
bit[6]
0/1
positive/negative polarity for HELP signal
bit[7]
0/1
positive/negative polarity for INTLC signal
0
0
0
0
0
0
0
SYNCMODE
AVOPRE
HSINV
HCINV
AVOINV
VSINV
HELPINV
INTLCINV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com