Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3215C Datasheet(PDF) 64 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 64 Page - Micronas

Back Button VPC3215C Datasheet HTML 60Page - Micronas VPC3215C Datasheet HTML 61Page - Micronas VPC3215C Datasheet HTML 62Page - Micronas VPC3215C Datasheet HTML 63Page - Micronas VPC3215C Datasheet HTML 64Page - Micronas VPC3215C Datasheet HTML 65Page - Micronas VPC3215C Datasheet HTML 66Page - Micronas VPC3215C Datasheet HTML 67Page - Micronas VPC3215C Datasheet HTML 68Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
64
Micronas
4.6.4.7. Characteristics, Analog Video and Component Inputs
4.6.4.8. Characteristics, Analog Front-End and ADCs
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VVIN
Analog Input Voltage
VIN1, VIN2
VIN3, VIN4
CIN
R1/CR1IN
G1/Y1IN
B1/CB1IN
R2/CR2IN
G2/Y2IN
B2/CB2IN
0
–3.5
V
CCP
Input Coupling Capacitor
Video Inputs
VIN1, VIN2
VIN3, VIN4
–
680
–
nF
CCP
Input Coupling Capacitor
Chroma Input
CIN
–
1–nF
CCP
Input Coupling Capacitor
Component Input
R1/CR1IN
G1/Y1IN
B1/CB1IN
R2/CR2IN
G2/Y2IN
B2/CB2IN
–
220
–
nF
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VVRT
Reference Voltage Top
VRT
VREF
2.4
2.5
2.6
V
10
µF/10 nF, 1 GΩ Probe
Luma – Path
RVIN
Input Resistance
VIN1
VIN2
VIN3
VIN4
1M
Ω
Code Clamp–DAC=0
CVIN
Input Capacitance
4.5
pF
VVIN
Full Scale Input Voltage
VIN1
VIN2
VIN3
VIN4
1.8
2.0
2.2
VPP
min. AGC Gain
VVIN
Full Scale Input Voltage
0.5
0.6
0.7
VPP
max. AGC Gain
AGC
AGC step width
0.166
dB
6-Bit Resolution= 64 Steps
fsig=1MHz,
– 2 dBr of max. AGC–Gain
DNLAGC
AGC Differential Non-Linearity
±0.5
LSB
VVINCL
Input Clamping Level, CVBS
VIN1
VIN2
VIN3
VIN4
1.0
V
Binary Level = 64 LSB
min. AGC Gain
QCL
Clamping DAC Resolution
–16
15
steps
5 Bit – I–DAC, bipolar
VVIN=1.5 V
ICL–LSB
Input Clamping Current per step
0.7
1.0
1.3
µA
DNLICL
Clamping DAC Differential Non-
Linearity
±0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com