Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3215C Datasheet(PDF) 3 Page - Micronas

Part # VPC3215C
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3215C Datasheet(HTML) 3 Page - Micronas

  VPC3215C Datasheet HTML 1Page - Micronas VPC3215C Datasheet HTML 2Page - Micronas VPC3215C Datasheet HTML 3Page - Micronas VPC3215C Datasheet HTML 4Page - Micronas VPC3215C Datasheet HTML 5Page - Micronas VPC3215C Datasheet HTML 6Page - Micronas VPC3215C Datasheet HTML 7Page - Micronas VPC3215C Datasheet HTML 8Page - Micronas VPC3215C Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Contents, continued
Page
Section
Title
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
3
18
2.9.4.
Line-Locked 4:2:2 Output Format
18
2.9.5.
Line-Locked 4:1:1 Output Format
18
2.9.6.
ITU-R 656 Output Format
20
2.9.7.
Output Code Levels
20
2.9.8.
Output Ports
20
2.9.9.
Test Pattern Generator
20
2.10.
PAL+ Support
20
2.10.1.
Output Signals for PAL+/Color+ Support
22
2.11.
Video Sync Processing
24
2.12.
Picture in Picture (PIP) Processing and Control
24
2.12.1.
Configurations
25
2.12.2.
PIP Display Modes
25
2.12.3.
Predefined Inset Picture Size
28
2.12.4.
Acquisition and Display Window
28
2.12.5.
Frame and Background Color
28
2.12.6.
Vertical Shift of the Main Picture
28
2.12.7.
Free Running Display Mode
28
2.12.8.
Frame and Field Display Mode
29
2.12.9.
External Field Memory
30
3.
Serial Interface
30
3.1.
I2C-Bus Interface
30
3.2.
Control and Status Registers
49
3.2.1.
Calculation of Vertical and East-West Deflection Coefficients
49
3.2.2.
Scaler Adjustment
51
4.
Specifications
51
4.1.
Outline Dimensions
51
4.2.
Pin Connections and Short Descriptions
54
4.3.
Pin Descriptions (pin numbers for PQFP80 package)
57
4.4.
Pin Configuration
58
4.5.
Pin Circuits
59
4.6.
Electrical Characteristics
59
4.6.1.
Absolute Maximum Ratings
59
4.6.2.
Recommended Operating Conditions
60
4.6.3.
Recommended Crystal Characteristics
61
4.6.4.
Characteristics
61
4.6.4.1.
Characteristics, 5 MHz Clock Output
61
4.6.4.2.
Characteristics, 20 MHz Clock Input/Output, External Clock Input (XTAL1)
61
4.6.4.3.
Characteristics, Reset Input, Test Input, VGAV Input, YCOEQ Input
62
4.6.4.4.
Characteristics, Power-up Sequence
63
4.6.4.5.
Characteristics, FPDAT Input/Output
63
4.6.4.6.
Characteristics, I2C Bus Interface
64
4.6.4.7.
Characteristics, Analog Video and Component Inputs
64
4.6.4.8.
Characteristics, Analog Front-End and ADCs
66
4.6.4.9.
Characteristics, Analog FB Input
67
4.6.4.10.
Characteristics, Output Pin Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com