Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE521 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE521
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE521 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE521 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE521 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
1
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
MJE521
DESCRIPTION
·
Collector–Emitter Sustaining Voltage-
: VCEO(SUS) = 40 V(Min)
·
DC Current Gain-
: hFE = 40(Min) @ IC= 1A
·
Complement to Type MJE371
APPLICATIONS
·
Designed for use in general−purpose amplifier and
switching circuits applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current-Continuous
4
A
ICM
Collector Current-Peak
8
A
IB
Base Current-Continuous
2
A
PC
Collector Power Dissipation
TC=25℃
40
W
Ti
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.12
℃
/W


Similar Part No. - MJE521

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE521 MOTOROLA-MJE521 Datasheet
128Kb / 4P
4 AMPERE POWER TRANSISTOR NPN SILICON 40 VOLTS 40 WATTS
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
SILICON NPN TRANSISTOR
Jun-1997
MJE521 STMICROELECTRONICS-MJE521 Datasheet
45Kb / 4P
SILICON NPN TRANSISTOR
Sep-2003
logo
ON Semiconductor
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
logo
Central Semiconductor C...
MJE521 CENTRAL-MJE521 Datasheet
70Kb / 1P
SILICON COMPLEMENTRY POWER TRANSISTOR
More results

Similar Description - MJE521

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com