Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16HTW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS16HTW
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16HTW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS16HTW Datasheet HTML 1Page - Diodes Incorporated BAS16HTW Datasheet HTML 2Page - Diodes Incorporated BAS16HTW Datasheet HTML 3Page - Diodes Incorporated BAS16HTW Datasheet HTML 4Page - Diodes Incorporated BAS16HTW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS16HTW
Document number: DS37694 Rev. 5 - 2
1 of 5
www.diodes.com
April 2016
© Diodes Incorporated
BAS16HTW
SURFACE MOUNT SWITCHING DIODE ARRAY
Features
Fast Switching Speed
High Reverse Breakdown Voltage
Low Leakage Current
Low Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (BAS16HTWQ)
Mechanical Data
Case: SOT363
Case Material: Molded Plastic
, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe.
(Lead-Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.006 grams (Approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
BAS16HTW-13
AEC-Q101
SOT363
10,000/Tape & Reel
BAS16HTW-13R
AEC-Q101
SOT363
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. The "-13R" suffix indicates that the devices are rotated 180° in the carrier tape as compared with the standard "-13" suffix devices. For exact packaging
details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
Code
C
D
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT363
Top View
Internal Schematic
KD2 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: C = 2015)
M = Month (ex: 9 = September)
C
1
C
2
C
3
A
3
A
1
A
2
SOT363


Similar Part No. - BAS16HTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16HTWQ DIODES-BAS16HTWQ Datasheet
381Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16HTWQ-13 DIODES-BAS16HTWQ-13 Datasheet
381Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16HTWQ-13R DIODES-BAS16HTWQ-13R Datasheet
381Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
More results

Similar Description - BAS16HTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW_08 Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV99BRLP DIODES-BAV99BRLP Datasheet
84Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
logo
SeCoS Halbleitertechnol...
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com