Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16HTW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS16HTW
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16HTW Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS16HTW Datasheet HTML 1Page - Diodes Incorporated BAS16HTW Datasheet HTML 2Page - Diodes Incorporated BAS16HTW Datasheet HTML 3Page - Diodes Incorporated BAS16HTW Datasheet HTML 4Page - Diodes Incorporated BAS16HTW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS16HTW
Document number: DS37694 Rev. 5 - 2
2 of 5
www.diodes.com
April 2016
© Diodes Incorporated
BAS16HTW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
71
V
Forward Continuous Current (Note 5)
IFM
200
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
IFSM
4
A
@ t = 1.0ms
1.0
@ t = 1.0s
0.5
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
500
°C/W
Thermal Resistance Junction to Solder Point (Note 6)
RθJSP
260
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
100
V
IR = 2.5µA
Forward Voltage
VF
0.715
V
IF = 1.0mA

0.855
IF = 10mA

1.0
IF = 50mA

1.25
IF = 150mA
Reverse Current (Note 7)
IR
0.5
µA
VR = 80V

50
VR = 80V, TJ = +150°C

30
VR = 25V, TJ = +150°C

30
nA
VR = 25V
Total Capacitance
CT
1.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
tRR
4.0
ns
IF = IR = 10mA,
IRR = 0.1 x IR, RL = 100Ω
Forward Recovery Voltage
VFR

1.75
V
IF = 10mA; tR = 20ns
Notes:
5. Part mounted on FR-4 PC board with recommended pad layout, please see http://www.diodes.com/package-outlines.html for the latest version.
6. Soldering points at pins C1, C2 and C3.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com