Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16HTW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS16HTW
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16HTW Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS16HTW Datasheet HTML 1Page - Diodes Incorporated BAS16HTW Datasheet HTML 2Page - Diodes Incorporated BAS16HTW Datasheet HTML 3Page - Diodes Incorporated BAS16HTW Datasheet HTML 4Page - Diodes Incorporated BAS16HTW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS16HTW
Document number: DS37694 Rev. 5 - 2
3 of 5
www.diodes.com
April 2016
© Diodes Incorporated
BAS16HTW
0
100
0
25
50
75
125
100
150
T , AMBIENT TEMPERATURE ( C)
A
Fig. 1 Power Derating Curve, Total Package
300
200
Note 5
250
150
50
0.001
0.01
0.1
1
10
100
1000
10000
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 2 Typical Forward Characteristics, Per Element
T = 150°C
A
T = 75°C
A
T = 25°C
A
T = 0°C
A
T = -40°C
A
0.1
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90 100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics, Per Element
T = 150°C
A
T = 125°C
A
T = 75°C
A
T = 0°C
A
T = -40°C
A
T = 25°C
A
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Total Capacitance vs.
Reverse Voltage, Per Element
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com