Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST6-7S Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACST6-7S
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST6-7S Datasheet(HTML) 2 Page - STMicroelectronics

  ACST6-7S Datasheet HTML 1Page - STMicroelectronics ACST6-7S Datasheet HTML 2Page - STMicroelectronics ACST6-7S Datasheet HTML 3Page - STMicroelectronics ACST6-7S Datasheet HTML 4Page - STMicroelectronics ACST6-7S Datasheet HTML 5Page - STMicroelectronics ACST6-7S Datasheet HTML 6Page - STMicroelectronics ACST6-7S Datasheet HTML 7Page - STMicroelectronics ACST6-7S Datasheet HTML 8Page - STMicroelectronics ACST6-7S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACST6
2/10
®
Table 2: Absolute Ratings (limiting values)
Note 1: according to test described by IEC61000-4-5 standard and figure 3.
Table 3: Gate Characteristics (maximum values)
Table 4: Thermal Resistances
Symbol
Parameter
Value
Unit
VDRM/
VRRM
Repetitive peak off-state voltage
Tj = 125 °C
700
V
IT(RMS)
RMS on-state current full cycle sine wave
50 to 60 Hz, no heat sink
Tamb = 40 °C
1.5
A
RMS on-state current full cycle sine wave
50 to 60 Hz, TO-220AB package
Tcase = 105 °C
6
A
ITSM
Non repetitive surge peak on-state current
Tj initial = 25 °C, full cycle sine wave
tp = 20ms
45
A
tp = 16.7ms
50
A
I2t
Thermal constraint for fuse selection
tp = 10ms
11
A2s
dI/dt
Non repetitive on-state current critical rate of rise
IG = 10mA (tR < 100ns)
Rate period > 1mn
100
A/
µs
VPP
Non repetitive line peak pulse voltage (see note 1)
2
kV
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 30 to + 125
°C
Tl
Maximum lead soldering temperature during 10s
260
°C
Symbol
Parameter
Value
Unit
PG (AV)
Average gate power dissipation
0.1
W
PGM
Peak gate power dissipation (tp = 20µs)
10
W
IGM
Peak gate current (tp = 20µs)
1
A
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient TO-220AB / TO-220FPAB
60
°C/W
Rth(j-a)
Junction to ambient I2PAK
65
Rth(j-a)
Junction to ambient D2PAK soldered on 1 cm2 copper pad
45
Rth(j-c)
Junction to case for full cycle sine wave conduction (TO-220AB)
2.5
°C/W
Rth(j-c)
Junction to case for full cycle sine wave conduction (TO-220FPAB)
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com