Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST6-7S Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST6-7S
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST6-7S Datasheet(HTML) 3 Page - STMicroelectronics

  ACST6-7S Datasheet HTML 1Page - STMicroelectronics ACST6-7S Datasheet HTML 2Page - STMicroelectronics ACST6-7S Datasheet HTML 3Page - STMicroelectronics ACST6-7S Datasheet HTML 4Page - STMicroelectronics ACST6-7S Datasheet HTML 5Page - STMicroelectronics ACST6-7S Datasheet HTML 6Page - STMicroelectronics ACST6-7S Datasheet HTML 7Page - STMicroelectronics ACST6-7S Datasheet HTML 8Page - STMicroelectronics ACST6-7S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACST6
3/10
®
Table 5: Parameter Description
Table 6: Electrical Characteristics
For either positive or negative polary of pin OUT voltage respect to pin COM voltage
Parameter Symbol
Parameter description
IGT
Gate triggering current
VGT
Gate triggering voltage
VGD
Non triggering voltage
IH
Holding current
IL
Latching current
VTM
On state voltage
VT0
On state characteristic threshold voltage
Rd
On state characteristic dynamic resistance
IDRM / IRRM
Forward or reverse leakage current
dV/dt
Static pin OUT voltage rise
(dI/dt)c
Turn off current rate of decay
VCL
Avalanche voltage at turn off
Symbol
Test conditions
Value
Unit
IGT
VOUT = 12V (DC) RL = 33Ω
Tj = 25°C
MAX.
10
mA
VGT
VOUT = 12V (DC) RL = 33Ω
Tj = 25°C
MAX.
1.5
V
VGD
VOUT = VDRM
RL = 3.3Ω
Tj = 125°C
MIN.
0.2
V
IH
IOUT = 100mA
Gate open
Tj = 25°C
MAX.
25
mA
IL
IG = 20mA
Tj = 25°C
MAX.
50
mA
VTM
IOUT = 2.1A
tp = 380µs
Tj = 25°C
MAX.
1.4
V
VTM
IOUT = 8.5A
tp = 380µs
Tj = 25°C
MAX.
1.7
V
VT0
Tj = 125°C
MAX.
0.9
V
Rd
Tj = 125°C
MAX.
80
m
IDRM
IRRM
VOUT = VDRM
VOUT = VRRM
Tj = 25°C
MAX.
20
µA
Tj = 125°C
MAX.
500
µA
dV/dt
VOUT = 600V
gate open
Tj = 125°C
MIN.
200
V/
µs
(dI/dt)c
(dI/dt)c = 15V/
µsTj = 125°C
MIN.
3
A/ms
(dI/dt)c
(dI/dt)c = 15V/
µsIOUT < 0 Rgk = 150Ω
Tj = 125°C
MIN.
3.5
A/ms
VCL
ICL = 1mA
tp = 1ms
Tj = 25°C
TYP.
1100
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com