Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST6-7S Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST6-7S
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST6-7S Datasheet(HTML) 4 Page - STMicroelectronics

  ACST6-7S Datasheet HTML 1Page - STMicroelectronics ACST6-7S Datasheet HTML 2Page - STMicroelectronics ACST6-7S Datasheet HTML 3Page - STMicroelectronics ACST6-7S Datasheet HTML 4Page - STMicroelectronics ACST6-7S Datasheet HTML 5Page - STMicroelectronics ACST6-7S Datasheet HTML 6Page - STMicroelectronics ACST6-7S Datasheet HTML 7Page - STMicroelectronics ACST6-7S Datasheet HTML 8Page - STMicroelectronics ACST6-7S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACST6
4/10
®
AC LINE SWITCH BASIC APPLICATION
The ACST6-7S device is especially designed to drive medium power induction motors in refrigerators,
dish washers, and tumble dryers.
Pin COM
: Common drive reference, to be connected to the power line neutral
Pin G
: Switch Gate input to be connected to the controller
Pin OUT
: Switch Output to be connected to the load
When driven from a low voltage controller, the ACST switch is triggered with a negative gate current flow-
ing out of the gate pin G. It can be directly driven by the controller through a resistor as shown on the typ-
ical application diagram. In appliance systems, the ACST6-7S switch intends to drive medium power load
in ON / OFF full cycle or phase angle control mode.
Thanks to its thermal and turn-off commutation characteristics, the ACST6-7S switch is able to drive an
inductive load up to 6A without a turn-off aid snubber circuit.
Figure 2: Typical Application Diagram
AC LINE TRANSIENT VOLTAGE RUGGEDNESS
The ACST6-7S switch is able to safely withstand the AC line transient voltages either by clamping the low
energy spikes or by breaking over under high energy shocks.
The test circuit in figure 3 is representative of the ACST application and is used to test the ACST switch
according to the IEC61000-4-5 standard conditions. Thanks to the load impedance, the ACST switch with-
stands voltage spikes up to 2 kV above the peak line voltage by breaking over safely. Such non-repetitive
testing can be done 10 times on each AC line voltage polarity.
Figure 3: Overvoltage ruggedness test circuit for resistive and inductive loads according to
IEC61000-4-5 standard R = 10
Ω, L = 5µH & VPP = 2kV
ST 62/72
MCU
COM
OUT
G
Run
Start
ST 62/72
MCU
Run
Start
COM
OUT
G
L
R
VAC +VPP
SURGE VOLTAGE
AC LINE & GENERATOR
G
COM
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com