Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7257LE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7257LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7257LE Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7257LE Datasheet HTML 3Page - Infineon Technologies AG TLE7257LE Datasheet HTML 4Page - Infineon Technologies AG TLE7257LE Datasheet HTML 5Page - Infineon Technologies AG TLE7257LE Datasheet HTML 6Page - Infineon Technologies AG TLE7257LE Datasheet HTML 7Page - Infineon Technologies AG TLE7257LE Datasheet HTML 8Page - Infineon Technologies AG TLE7257LE Datasheet HTML 9Page - Infineon Technologies AG TLE7257LE Datasheet HTML 10Page - Infineon Technologies AG TLE7257LE Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLE7257
Functional Description
Data Sheet
7
Rev. 1.0, 2013-10-16
4.1
Operating Modes
The TLE7257 has 3 major operation modes (see Figure 4):
•
Normal Operation mode
•
Standby mode
•
Sleep mode
Figure 4
Operation mode state diagram
Table 1
Operating modes
Mode
EN
INH
TxD
RxD
LIN Bus Termination Comments
Sleep
Low
Floating Disable1)
1)
The TxD input is disabled in Sleep mode and the internal pull-up current source is switched off (see Figure 1).
High2)
2) A pull-up resistor to the external microcontroller supply is required.
30 kΩ (typical)
No wake-up request detected
Standby
Low
High
High3)
3) In case the TxD input is open the state is internally set to logical “high” through the internal pull-up current source.
Low
30 kΩ (typical)
–
Normal
Operation
High High
Low
High
Low
High
30 kΩ (typical)
RxD reflects the signal on the bus
TxD driven by the microcontroller
TLE7257_MODE_DIAGRAM
1) TxD: The TxD input is disabled and the pull-up current source is switched off
2) RxD: The RxD output is „high“ because of the external pull-up resistor
Normal Operation Mode
INH: High
EN: High
EN
Standby Mode
INH: High
EN: Low
TxD: High
RxD: Low
Power-up
Sleep Mode
INH: Floating
EN: Low
TxD: Disabled
1)
RxD: High
2)
1
4
5
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com