Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7257LE Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7257LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7257LE Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7257LE Datasheet HTML 18Page - Infineon Technologies AG TLE7257LE Datasheet HTML 19Page - Infineon Technologies AG TLE7257LE Datasheet HTML 20Page - Infineon Technologies AG TLE7257LE Datasheet HTML 21Page - Infineon Technologies AG TLE7257LE Datasheet HTML 22Page - Infineon Technologies AG TLE7257LE Datasheet HTML 23Page - Infineon Technologies AG TLE7257LE Datasheet HTML 24Page - Infineon Technologies AG TLE7257LE Datasheet HTML 25Page - Infineon Technologies AG TLE7257LE Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TLE7257
Electrical Characteristics
Data Sheet
22
Rev. 1.0, 2013-10-16
Duty cycle D3
(for worst case at 10.4 kBit/s)
D3
0.417 –
–
Duty cycle 3 5)
TH
Rec(max) = 0.778 × VS;
TH
Dom(max) =0.616 × VS;
V
S = 7.0 … 18 V; tbit = 96 μs;
D3 = t
bus_rec(min) / 2 × tbit;
LIN Spec 2.2A (Par. 29)
4.9.11
Duty cycle D3
for
V
S supply 5.5 V to 7.0 V
(for worst case at 10.4 kBit/s)
D3
0.417 –
–
Duty cycle 3 5)
TH
Rec(max) = 0.797 × VS;
TH
Dom(max) = 0.630 × VS;
5.5 V <
V
S < 7.0 V;
t
bit = 96 μs;
D3 = t
bus_rec(min) / 2 × tbit;
4.9.12
Duty cycle D4
(for worst case at 10.4 kBit/s)
D4
–
–
0.590
Duty cycle 4 5)
TH
Rec(min) = 0.389 × VS;
TH
Dom(min) = 0.251 × VS;
V
S = 7.6 … 18 V; tbit = 96 μs;
D4 = t
bus_rec(max) / 2 × tbit;
LIN Spec 2.2A (Par. 30)
4.9.13
Duty cycle D4
for
V
S supply 6.1 V to 7.6 V
(for worst case at 10.4 kBit/s)
D4
–
–
0.590
Duty cycle 4 5)
TH
Rec(min) = 0.378 × VS;
TH
Dom(min)= 0.242 × VS;
6.1 V <
V
S < 7.6 V;
t
bit = 96 μs;
D4 = t
bus_rec(max) / 2 × tbit;
4.9.14
1) Not subject to production test, specified by design
2)
V
BUS_CNT = (Vth_dom + Vth rec) / 2
3)
V
HYS = Vth_rec - Vth_dom
4) Delay time specified for a load of 10 k
Ω / 20 pF on the INH output
5) Bus load concerning LIN Spec 2.2A:
Load 1 = 1 nF / 1 kΩ =
C
BUS / RL
Load 2 = 6.8 nF / 660 Ω =
C
BUS / RL
Load 3 = 10 nF / 500 Ω =
C
BUS / RL
Table 6
Electrical Characteristics (cont’d)
5.5 V <
V
S < 18 V; RL = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note / Test Condition
Num
ber
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com