Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7257LE Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7257LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7257LE Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7257LE Datasheet HTML 19Page - Infineon Technologies AG TLE7257LE Datasheet HTML 20Page - Infineon Technologies AG TLE7257LE Datasheet HTML 21Page - Infineon Technologies AG TLE7257LE Datasheet HTML 22Page - Infineon Technologies AG TLE7257LE Datasheet HTML 23Page - Infineon Technologies AG TLE7257LE Datasheet HTML 24Page - Infineon Technologies AG TLE7257LE Datasheet HTML 25Page - Infineon Technologies AG TLE7257LE Datasheet HTML 26Page - Infineon Technologies AG TLE7257LE Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TLE7257
Electrical Characteristics
Data Sheet
23
Rev. 1.0, 2013-10-16
6.2
Diagrams
Figure 14
Simplified test circuit
Figure 15
Timing diagram for dynamic characteristics
TLE7257_TEST_CIRCUIT
GND
BUS
R
L
EN
RxD
100 nF
V
S
C
Bus
INH
TxD
R
RxD
C
RxD
R
INH
V
IO = 5 V
TLE7257_LIN_TIMING_DIAGRAM
Duty Cycle D1, D3 =
t
BUS_rec(min) / (2 x
t
BIT)
Duty Cycle D2, D4 =
t
BUS_rec(max) / (2 x
t
BIT)
t
Bit
t
Bit
t
Bit
t
Bus_dom(max)
t
Bus_rec(min)
Thresholds of receiving node 1
THRec(max)
THDom(max)
THRec(min)
THDom(min)
t
Bus_dom(min)
t
Bus_rec(max)
t
rx_pdf(1)
t
rx_pdr(1)
t
rx_pdf(2)
t
rx_pdr(2)
VSUP
(Transceiver supply of
transmitting node)
TxD
(input to transmitting node)
RxD
(output of receiving node 2)
RxD
(output of receiving node 1)
Thresholds of receiving node 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com