Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3204 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3204
Description  3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3204 Datasheet(HTML) 1 Page - Analog Devices

  ADP3204 Datasheet HTML 1Page - Analog Devices ADP3204 Datasheet HTML 2Page - Analog Devices ADP3204 Datasheet HTML 3Page - Analog Devices ADP3204 Datasheet HTML 4Page - Analog Devices ADP3204 Datasheet HTML 5Page - Analog Devices ADP3204 Datasheet HTML 6Page - Analog Devices ADP3204 Datasheet HTML 7Page - Analog Devices ADP3204 Datasheet HTML 8Page - Analog Devices ADP3204 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADP3204*
3-Phase IMVP-II and IMVP-III
Core Controller for Mobile CPUs
ADOPT is a trademark of Analog Devices, Inc.
*Protected by U.S.Patent No. 5,969,657; other patents pending.
FEATURES
Pin Selectable 1-, 2-, or 3-Phase Operation
Static and Dynamic Current Sharing Characteristics
Backward Compatible to IMVP-II
Superior Load Transient Response with ADOPT®
Analog Devices’ Optimal Positioning Technology
Noise-Blanking for Speed and Stability
Synchronous Rectifier Control Extends Battery Life
Smooth Output Transition During VID Code Change
Cycle-by-Cycle Current Limiting
Hiccup or Latched Overload Protection
Transient-Glitch-Free Power Good
Soft Start Eliminates Power-On In-Rush Current Surge
Two-Level Overvoltage and Reverse Voltage
Protection
APPLICATIONS
IMVP-II and IMVP-III Core DC-to-DC Converters
Fixed Voltage Mobile CPU Core DC-to-DC Converters
Notebook/Laptop Power Supplies
Programmable Output Power Supplies
FUNCTIONAL BLOCK DIAGRAM
VID0
VID1
VID2
VID3
VID4
DACOUT
GND
VCC
CS+
CS–
REG
ADP3204
CORE
SS
COREFB
PWRGD
BOM
SD
DPSLP
HYSSET
BSHIFT
DSHIFT
HYSTERESIS
SETTING
AND
SHIFT-MUX
CLAMP
SR CONTROL
COREGD MONITOR
SS-HICCUP TIMER
AND OCP
OVP AND RVP
ENABLE UVLO-MAIN BIAS
PWRGD BLANKER
VID TRANSIENT
DETECTOR AND
SHIFT SELECTOR
PM MODULE
VR
EN
RAMP
VR
DRVLSD
PHASE
SPLITTER
OUT3
OUT2
CS1
CS2
5-BIT VID
DAC
AND
FIXED
REF
DPRSHIFT
DPSLP
BOM
DPRSLP
OUT1
CS3
CLIM
CURRENT
SENSE
MUX
VID
MUX
AND
REG
DPRSLP
VID
GEN
DACRAMP
DPRSLP
GENERAL DESCRIPTION
The ADP3204 is a 1-, 2-, or 3-phase hysteretic peak current
dc-to-dc buck converter controller dedicated to power a mobile
processor’s core. The optimized low voltage design is powered
from the 3.3 V system supply. The nominal output voltage is
set by a 5-bit VID code. To accommodate the transition time
required by the newest processors, the ADP3204 features
high speed operation to allow a minimized inductor size that
results in the fastest change of current to the output. To
further allow for the minimum number of output capacitors
to be used, the ADP3204 features active voltage positioning
with ADOPT optimal compensation to ensure a superior
load transient response. The output signals interface with a
maximum of three ADP3415 MOSFET drivers that are
optimized for high speed and high efficiency for driving both the
top and bottom MOSFETs of the buck converter. The
ADP3204 is capable of controlling the synchronous rectifiers to
extend battery lifetime in light load conditions.


Similar Part No. - ADP3204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP320 AD-ADP320 Datasheet
716Kb / 20P
Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
REV. 0
ADP3203 AD-ADP3203 Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-085-RL AD-ADP3203JRU-085-RL Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-10-RL AD-ADP3203JRU-10-RL Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-10-RL7 AD-ADP3203JRU-10-RL7 Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
More results

Similar Description - ADP3204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3203 AD-ADP3203 Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3422 AD-ADP3422 Datasheet
174Kb / 16P
IMVP-II-Compliant Core Power Controller for Mobile CPUs
REV.0
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
Multiphase IMVP-IV Core Controller for Mobile CPUs
REV.0
logo
Intersil Corporation
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
September 27, 2006
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com