Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2576 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 2576
Description  5-Amp Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

2576 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  2576 Datasheet HTML 1Page - National Semiconductor (TI) 2576 Datasheet HTML 2Page - National Semiconductor (TI) 2576 Datasheet HTML 3Page - National Semiconductor (TI) 2576 Datasheet HTML 4Page - National Semiconductor (TI) 2576 Datasheet HTML 5Page - National Semiconductor (TI) 2576 Datasheet HTML 6Page - National Semiconductor (TI) 2576 Datasheet HTML 7Page - National Semiconductor (TI) 2576 Datasheet HTML 8Page - National Semiconductor (TI) 2576 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
LM338
Units
Min
Typ
Max
∆V
R/T
Temperature Stability
T
MIN ≤ TJ ≤ TMAX
1
%
I
LOAD(Min)
Minimum Load Current
V
IN −VOUT = 35V
3.5
10
mA
I
CL
Current Limit
V
IN −VOUT ≤ 10V
DC
58
A
0.5 ms Peak
712
A
V
IN −VOUT = 30V
1
A
V
N
RMS Output Noise, % of V
OUT
10 Hz
≤ f ≤ 10 kHz
0.003
%
Ripple Rejection Ratio
V
OUT = 10V, f = 120 Hz, CADJ = 0µF
60
dB
V
OUT = 10V, f = 120 Hz, CADJ = 10 µF
60
75
dB
Long-Term Stability
T
J = 125˚C, 1000 hrs
0.3
1
%
θ
JC
Thermal Resistance
K Package
1
˚C/W
Junction to Case
T Package
4
˚C/W
θ
JA
Thermal Resistance, Junction to
K Package
35
˚C/W
Ambient (No Heat Sink)
T Package
50
˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: These specifications are applicable for power dissipations up to 50W for the TO-3 (K) package and 25W for the TO-220 (T) package. Power dissipation is
guaranteed at these values up to 15V input-output differential. Above 15V differential, power dissipation will be limited by internal protection circuitry. All limits (i.e.,
the numbers in the Min. and Max. columns) are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 3: Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are
covered under the specifications for thermal regulation.
Note 4: Refer to RETS138K drawing for military specifications of LM138K.
Typical Performance Characteristics
Current Limit
DS009060-32
Current Limit
DS009060-33
Current Limit
DS009060-34
Load Regulation
DS009060-35
Dropout Voltage
DS009060-36
Adjustment
Current
DS009060-37
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com