Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2576 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 2576
Description  5-Amp Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

2576 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  2576 Datasheet HTML 1Page - National Semiconductor (TI) 2576 Datasheet HTML 2Page - National Semiconductor (TI) 2576 Datasheet HTML 3Page - National Semiconductor (TI) 2576 Datasheet HTML 4Page - National Semiconductor (TI) 2576 Datasheet HTML 5Page - National Semiconductor (TI) 2576 Datasheet HTML 6Page - National Semiconductor (TI) 2576 Datasheet HTML 7Page - National Semiconductor (TI) 2576 Datasheet HTML 8Page - National Semiconductor (TI) 2576 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 4)
Power Dissipation
Internally limited
Input/Output Voltage Differential
+40V, −0.3V
Storage Temperature
−65˚C to +150˚C
Lead Temperature
Metal Package (Soldering, 10 seconds)
Plastic Package (Soldering, 4 seconds)
300˚C
260˚C
ESD Tolerance
TBD
Operating Temperature Range
LM138
−55˚C
≤ T
J ≤ +150˚C
LM338
0˚C
≤ T
J ≤ +125˚C
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN −VOUT = 5V; and IOUT = 10 mA. (Note 2)
Symbol
Parameter
Conditions
LM138
Units
Min
Typ
Max
V
REF
Reference Voltage
3V
≤ (V
IN −VOUT) ≤ 35V,
1.19
1.24
1.29
V
10 mA
≤ I
OUT ≤ 5A, P ≤ 50W
V
RLINE
Line Regulation
3V
≤ (V
IN −VOUT) ≤ 35V (Note 3)
0.005
0.01
%/V
0.02
0.04
%/V
V
RLOAD
Load Regulation
10 mA
≤ I
OUT ≤ 5A (Note 3)
0.1
0.3
%
0.3
0.6
%
Thermal Regulation
20 ms Pulse
0.002
0.01
%/W
I
ADJ
Adjustment Pin Current
45
100
µA
∆I
ADJ
Adjustment Pin Current Change
10 mA
≤ I
OUT ≤ 5A,
0.2
5
µA
3V
≤ (V
IN −VOUT) ≤ 35V
∆V
R/T
Temperature Stability
T
MIN ≤ TJ ≤ TMAX
1
%
I
LOAD(Min)
Minimum Load Current
V
IN −VOUT = 35V
3.5
5
mA
I
CL
Current Limit
V
IN −VOUT ≤ 10V
DC
58
A
0.5 ms Peak
712
A
V
IN −VOUT = 30V
1
1
A
V
N
RMS Output Noise, % of V
OUT
10 Hz
≤ f ≤ 10 kHz
0.003
%
Ripple Rejection Ratio
V
OUT = 10V, f = 120 Hz, CADJ = 0µF
60
dB
V
OUT = 10V, f = 120 Hz, CADJ = 10 µF
60
75
dB
Long-Term Stability
T
J = 125˚C, 1000 Hrs
0.3
1
%
θ
JC
Thermal Resistance,
K Package
1
˚C/W
Junction to Case
θ
JA
Thermal Resistance, Junction to
K Package
35
˚C/W
Ambient (No Heat Sink)
Electrical Characteristics
Symbol
Parameter
Conditions
LM338
Units
Min
Typ
Max
V
REF
Reference Voltage
3V
≤ (V
IN −VOUT) ≤ 35V,
1.19
1.24
1.29
V
10 mA
≤ I
OUT ≤ 5A, P ≤ 50W
V
RLINE
Line Regulation
3V
≤ (V
IN −VOUT) ≤ 35V (Note 3)
0.005
0.03
%/V
0.02
0.06
%/V
V
RLOAD
Load Regulation
10 mA
≤ I
OUT ≤ 5A (Note 3)
0.1
0.5
%
0.3
1
%
Thermal Regulation
20 ms Pulse
0.002
0.02
%/W
I
ADJ
Adjustment Pin Current
45
100
µA
∆I
ADJ
Adjustment Pin Current Change
10 mA
≤ I
OUT ≤ 5A,
3V
≤ (V
IN −VOUT) ≤ 35V
0.2
5
µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com