Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2576 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 2576
Description  5-Amp Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

2576 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  2576 Datasheet HTML 1Page - National Semiconductor (TI) 2576 Datasheet HTML 2Page - National Semiconductor (TI) 2576 Datasheet HTML 3Page - National Semiconductor (TI) 2576 Datasheet HTML 4Page - National Semiconductor (TI) 2576 Datasheet HTML 5Page - National Semiconductor (TI) 2576 Datasheet HTML 6Page - National Semiconductor (TI) 2576 Datasheet HTML 7Page - National Semiconductor (TI) 2576 Datasheet HTML 8Page - National Semiconductor (TI) 2576 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM138/LM338
5-Amp Adjustable Regulators
General Description
The LM138 series of adjustable 3-terminal positive voltage
regulators is capable of supplying in excess of 5A over a
1.2V to 32V output range. They are exceptionally easy to
use and require only 2 resistors to set the output voltage.
Careful circuit design has resulted in outstanding load and
line regulation — comparable to many commercial power
supplies. The LM138 family is supplied in a standard 3-lead
transistor package.
A unique feature of the LM138 family is time-dependent cur-
rent limiting. The current limit circuitry allows peak currents
of up to 12A to be drawn from the regulator for short periods
of time. This allows the LM138 to be used with heavy tran-
sient loads and speeds start-up under full-load conditions.
Under sustained loading conditions, the current limit de-
creases to a safe value protecting the regulator. Also in-
cluded on the chip are thermal overload protection and safe
area protection for the power transistor. Overload protection
remains functional even if the adjustment pin is accidentally
disconnected.
Normally, no capacitors are needed unless the device is situ-
ated more than 6 inches from the input filter capacitors in
which case an input bypass is needed. An output capacitor
can be added to improve transient response, while bypass-
ing the adjustment pin will increase the regulator’s ripple re-
jection.
Besides replacing fixed regulators or discrete designs, the
LM138 is useful in a wide variety of other applications. Since
the regulator is “floating” and sees only the input-to-output
differential voltage, supplies of several hundred volts can be
regulated as long as the maximum input to output differential
is not exceeded, i.e., do not short-circuit output to ground.
The part numbers in the LM138 series which have a K suffix
are packaged in a standard Steel TO-3 package, while those
with a T suffix are packaged in a TO-220 plastic package.
The LM138 is rated for −55˚C
≤ T
J ≤ +150˚C, and the LM338
is rated for 0˚C
≤ T
J ≤ +125˚C.
Features
n Guaranteed 7A peak output current
n Guaranteed 5A output current
n Adjustable output down to 1.2V
n Guaranteed thermal regulation
n Current limit constant with temperature
n P
+ Product Enhancement tested
n Output is short-circuit protected
Applications
n Adjustable power supplies
n Constant current regulators
n Battery chargers
Connection Diagrams (See Physical Dimension section for further information)
(TO-3 STEEL)
Metal Can Package
DS009060-30
Bottom View
Order Number LM138K STEEL or LM338K STEEL
See NS Package Number K02A
(TO-220)
Plastic Package
DS009060-31
Front View
Order Number LM338T
See NS Package Number T03B
May 1998
© 1999 National Semiconductor Corporation
DS009060
www.national.com


Similar Part No. - 2576

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2576 SCHURTER-2576 Datasheet
383Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2576 SCHURTER-2576 Datasheet
344Kb / 4P
IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
2576 SCHURTER-2576 Datasheet
343Kb / 4P
IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
2576 SCHURTER-2576 Datasheet
343Kb / 4P
IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
05.01.2022
logo
Abbatron All Rights Res...
2576 ABBATRON-2576 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
LM150QML 3-Amp Adjustable Regulators
LM138 TI1-LM138 Datasheet
883Kb / 20P
5-Amp Adjustable Regulators
LM138KSTEEL TI1-LM138KSTEEL Datasheet
2Mb / 23P
LM138/LM338 5-Amp Adjustable Regulators
LM138K-MIL TI-LM138K-MIL Datasheet
2Mb / 23P
LM138/LM338 5-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
5-Amp Adjustable Regulators
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
3-Amp Adjustable Regulators
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
3-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
5-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com