Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR525ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR525ART-R2
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR525ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADR525ART-R2 Datasheet HTML 1Page - Analog Devices ADR525ART-R2 Datasheet HTML 2Page - Analog Devices ADR525ART-R2 Datasheet HTML 3Page - Analog Devices ADR525ART-R2 Datasheet HTML 4Page - Analog Devices ADR525ART-R2 Datasheet HTML 5Page - Analog Devices ADR525ART-R2 Datasheet HTML 6Page - Analog Devices ADR525ART-R2 Datasheet HTML 7Page - Analog Devices ADR525ART-R2 Datasheet HTML 8Page - Analog Devices ADR525ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A | Page 5 of 16
Table 6. ADR550 Electrical Characteristics @ IIN = 50 µA to 10 mA, TA = 25°C, unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
Grade A
Grade B
VO
4.980
4.090
5.000
5.000
5.020
5.010
V
V
Initial Accuracy
VOERR
Grade A
±0.4%
–20
+20
mV
Grade B
±0.2%
–10
+10
mV
Temperature Coefficient1
TCVO
–40°C < TA < +85°C
Grade A
25
70
ppm/°C
Grade B
15
40
ppm/°C
Output Voltage Change vs. IIN
∆VR
IIN = 0.1 mA to 10 mA
–40°C < TA < +85°C
IIN = 1 mA to 10 mA
–40°C < TA < +85°C
1
5
2
mV
mV
mV
Dynamic Output Impedance
(∆VR/∆IR)
IIN = 0.1 mA to 10 mA
0.2
Ω
Minimum Operating Current
IIN
–40°C < TA < +85°C
50
µA
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
18
µV p-p
Turn-On Settling Time
tR
2
µs
Output Voltage Hysteresis
∆VO_HYS
IIN = 1 mA
40
ppm
1Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com