Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR525ART-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR525ART-R2
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR525ART-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR525ART-R2 Datasheet HTML 5Page - Analog Devices ADR525ART-R2 Datasheet HTML 6Page - Analog Devices ADR525ART-R2 Datasheet HTML 7Page - Analog Devices ADR525ART-R2 Datasheet HTML 8Page - Analog Devices ADR525ART-R2 Datasheet HTML 9Page - Analog Devices ADR525ART-R2 Datasheet HTML 10Page - Analog Devices ADR525ART-R2 Datasheet HTML 11Page - Analog Devices ADR525ART-R2 Datasheet HTML 12Page - Analog Devices ADR525ART-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A | Page 9 of 16
VIN = 2V/DIV
VOUT = 1V/DIV
4
µs/DIV
IIN = 10mA
TIME (
µs)
Figure 8. ADR520 Turn-On Response
VIN = 2V/DIV
VOUT = 1V/DIV
10
µs/DIV
IIN = 100µA
TIME (
µs)
Figure 9. ADR520 Turn-On Response
VIN = 2V/DIV
VOUT = 2V/DIV
4
µs/DIV
IIN = 10mA
TIME (
µs)
Figure 10. ADR550 Turn-On Response
VIN = 2V/DIV
VOUT = 2V/DIV
20
µs/DIV
IIN = 100µA
TIME (
µs)
Figure 11. ADR550 Turn-On Response
5
µs/DIV
PEAK-TO-PEAK
13.5
µV
RMS
2.14
µV
TIME (
µs)
Figure 12. ADR520 Noise Voltage 0.1 Hz to 10 Hz
VOUT = 50mV/DIV
10
µs/DIV
V GEN = 2V/DIV
IIN = 10mA
TIME (
µs)
Figure 13. ADR525 Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com