Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR525ART-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR525ART-R2
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR525ART-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR525ART-R2 Datasheet HTML 1Page - Analog Devices ADR525ART-R2 Datasheet HTML 2Page - Analog Devices ADR525ART-R2 Datasheet HTML 3Page - Analog Devices ADR525ART-R2 Datasheet HTML 4Page - Analog Devices ADR525ART-R2 Datasheet HTML 5Page - Analog Devices ADR525ART-R2 Datasheet HTML 6Page - Analog Devices ADR525ART-R2 Datasheet HTML 7Page - Analog Devices ADR525ART-R2 Datasheet HTML 8Page - Analog Devices ADR525ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Precision Shunt Mode
Voltage References
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Ultracompact SC70 and SOT-23 packages
Temperature coefficient: 40 ppm/°C (max)
2× the tempco improvement over the LM4040
Pin compatible with LM4040/LM4050
Initial accuracy: ±0.2%
Low output voltage noise: 14 µV p-p @ 2.5 V output
No external capacitor required
Operating current range: 50 µA to 10 mA
Industrial temperature range: −40°C to +85°C
APPLICATIONS
Portable, battery-powered equipment
Automotive
Power supplies
Data acquisition systems
Instrumentation and process control
Energy measurement
Table 1. Selection Guide
Part
Voltage
(V)
Initial
Accuracy (%)
Temperature
Coeffecient
(ppm/°C)
ADR520A
2.048
±0.4
70
ADR520B
2.048
±0.2
40
ADR525A
2.5
±0.4
70
ADR525B
2.5
±0.2
40
ADR530A
3.0
±0.4
70
ADR530B
3.0
±0.2
40
ADR540A
4.096
±0.4
70
ADR540B
4.096
±0.2
40
ADR550A
5.0
±0.4
70
ADR550B
5.0
±0.2
40
PIN CONFIGURATION
ADR520/
ADR525/
ADR530/
ADR540/
ADR550
V+
1
V–
2
TRIM
3
Figure 1. 3-Lead SC70 (KS)
and 3-Lead SOT-23 (RT)
GENERAL DESCRIPTION
Designed for space-critical applications, the ADR520/ADR525/
ADR530/ADR540/ADR550 are high precision shunt voltage
references, housed in ultrasmall SC70 and SOT-23 packages.
These references feature low temperature drift of 40 ppm/°C, an
initial accuracy of better than 0.2%, and ultralow output noise
of 14 µV p-p.
Available in output voltages of 2.048 V, 2.5 V, 3.0 V, 4.096 V, and
5.0 V, the ADR5xx’s advanced design eliminates the need for
compensation by an external capacitor, yet the references are
stable with any capacitive load. The minimum operating current
increases from a mere 50 µA to a maximum of 10 mA. This low
operating current and ease of use make these references ideally
suited for handheld, battery-powered applications.
A TRIM terminal is available on the ADR5xx to allow adjustment
of the output voltage over a ±0.5% range, without affecting the
temperature coefficient of the device. This feature provides users
with the flexibility to trim out any system errors.


Similar Part No. - ADR525ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR525ART-R2 AD-ADR525ART-R2 Datasheet
420Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
More results

Similar Description - ADR525ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR530ART AD-ADR530ART Datasheet
273Kb / 12P
High Precision Shunt Mode Voltage References
Rev. F
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com