Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3-R10D1WR Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RT3-R10D1WR
Description  1W, fixed input voltage isolated & regulated single output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT3-R10D1WR Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RT3-R10D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
RT3-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
IB1205XT-1WR2
50
55
60
65
70
75
80
85
90
95
100
Input Voltage(V)
Efficiency VsInput Voltage(Full Load)
IB1205XT-1WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency VsOutput Load(Vin=12V)
Design Reference
1. Typical application
If it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see Fig.2.
Moreover, choosing suitable filter capacitor is very important , start-up problems may be caused by too large capacitance. To ensured the
modules running well, the recommended capacitive load values as shown in Table 1.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig.2
Recommended capacitive load value table (Table 1)
Vin(VDC)
Cin(µF)
Vo (VDC)
Cout(µF)
5
4.7
3.3/5
10
12
2.2
12
2.2
24
1
15
1
It is not recommended to connect any external capacitor when
output power is less than 0.5W.
2. EMC typical recommended circuit
Vin
GND
+Vo
0V
DCDC
LOAD
LDM
C1
Vin
GND
C2
Fig. 3
Input voltage (V)
5/12/24
EMI
C1
4.7µF /50V
C2
Refer to the Cout in Fig.2
LDM
6.8µH
Note: It is not needed to add the component in the peripheral circuit
when parameter with the symbol of "--"
3. Output load requirements
To ensure the module work efficiently and reliably, during the operation, the min. output load should be no less than 10% of the full load. If the
actual output power is low, please connect a resister to the output terminal in parallel, with a recommenced resistance which is 10% of the rated
power, and derating is required during operation.
For more information please find the application notes on rsg-electronic.de
RT3-1205S10D1WR
RT3-1205S10D1WR
DC/DC-Converter
1W, fixed input voltage
isolated & regulated single output
we energize electronics!
an acal group company
we energize electronics!



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com