Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3-R10D1WR Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RT3-R10D1WR
Description  1W, fixed input voltage isolated & regulated single output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT3-R10D1WR Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RT3-R10D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 1 (4)
RT3-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
1W, Fixed input voltage , isolated & regulated single output,
DC/DC-Converter
• Patent Protection RoHS
•Continuousshortcircuitprotection
•Efficiencyupto75%
•Operatingtemperaturerange:-40℃to+85℃
•Isolationvoltage:1.5KVDC
•MiniatureSMDpackage
•Noexternalcomponentrequired
•Internationalstandardpin-out
RT series is specially designed for applications where an isolated voltage is required in a distributed power supply system.
It is suitable for
1. Where the voltage of the input power supply is stable (voltage variation: ±5%Vin);
2. Where isolation is necessary between input and output (isolation voltage ≤1500VDC);
3. Where has high requirement of line regulation and load regulation.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max. Capacitive Load
(µF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
RT3-0503R10D1WR2
5
(4.75-5.25)
3.3
243/25
54/58
220
RT3-0505R10D1WR2
5
200/20
68/72
RT3-0512R10D1WR2
12
84/9
69/73
RT3-0515R10D1WR2
15
67/7
70/74
RT3-1205R10D1WR2
12
(11.4-12.6)
5
200/20
69/73
RT3-1212R10D1WR2
12
84/9
69/73
RT3-1215R10D1WR2
15
67/7
71/75
RT3-2405R10D1WR2
24
(22.8-25.2)
5
200/20
69/73
RT3-2412R10D1WR2
12
84/9
69/73
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
5V input
--
270/15
--
mA
12V input
--
115/10
--
24V input
--
56/7
--
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
24V input
-0.7
--
30
Reflected Ripple Current
--
15
--
mA
Input Filter
Capacitor filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
100% load
--
--
±3
%
Line Regulation
Input voltage change: ±1%
--
--
±0.25
Load Regulation
10%-100% load
3.3VDC output
--
--
3
Other output
--
--
2
Ripple*
20MHz bandwidth
--
10
--
mVp-p
Noise*
--
50
--
Temperature Drift Coefficient
100% load
--
--
±0.03
%/℃
Output Short Circuit Protection
Continuous, self-recovery
Note: * Ripple and noise tested with parallel cable method, please see DC-DC Converter Application Notes for specific operation methods.
FEATURES:
DC/DC-Converter
1W, fixed input voltage
isolated & regulated single output
we energize electronics!
an acal group company
we energize electronics!
SMD- DIP10 Package
• Efficiency up to 75%
• Operating temperature range:
-40°C to +85°C
• Isolation voltage: 1.5KVDC
• Miniature SMD package
• No external component required
• International standard pin-out
• Continuous short circuit protection
RT3-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
1W, Fixed input voltage , isolated & regulated single output,
DC/DC-Converter
• Patent Protection RoHS
•Continuousshortcircuitprotection
•Efficiencyupto75%
•Operatingtemperaturerange:-40℃to+85℃
•Isolationvoltage:1.5KVDC
•MiniatureSMDpackage
•Noexternalcomponentrequired
•Internationalstandardpin-out
RT series is specially designed for applications where an isolated voltage is required in a distributed power supply system.
It is suitable for
1. Where the voltage of the input power supply is stable (voltage variation: ±5%Vin);
2. Where isolation is necessary between input and output (isolation voltage ≤1500VDC);
3. Where has high requirement of line regulation and load regulation.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max. Capacitive Load
(µF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
RT3-0503R10D1WR2
5
(4.75-5.25)
3.3
243/25
54/58
220
RT3-0505R10D1WR2
5
200/20
68/72
RT3-0512R10D1WR2
12
84/9
69/73
RT3-0515R10D1WR2
15
67/7
70/74
RT3-1205R10D1WR2
12
(11.4-12.6)
5
200/20
69/73
RT3-1212R10D1WR2
12
84/9
69/73
RT3-1215R10D1WR2
15
67/7
71/75
RT3-2405R10D1WR2
24
(22.8-25.2)
5
200/20
69/73
RT3-2412R10D1WR2
12
84/9
69/73
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
5V input
--
270/15
--
mA
12V input
--
115/10
--
24V input
--
56/7
--
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
24V input
-0.7
--
30
Reflected Ripple Current
--
15
--
mA
Input Filter
Capacitor filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
100% load
--
--
±3
%
Line Regulation
Input voltage change: ±1%
--
--
±0.25
Load Regulation
10%-100% load
3.3VDC output
--
--
3
Other output
--
--
2
Ripple*
20MHz bandwidth
--
10
--
mVp-p
Noise*
--
50
--
Temperature Drift Coefficient
100% load
--
--
±0.03
%/℃
Output Short Circuit Protection
Continuous, self-recovery
Note: * Ripple and noise tested with parallel cable method, please see DC-DC Converter Application Notes for specific operation methods.
FEATURES:
RoHS


Similar Part No. - RT3-R10D1WR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT3-R10D3WR RSG-RT3-R10D3WR Datasheet
653Kb / 4P
1W, fixed input voltage isolated & regulated single output
More results

Similar Description - RT3-R10D1WR

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
1W fixed input voltage isolated & unregulated single output
RT3-R10D3WR RSG-RT3-R10D3WR Datasheet
653Kb / 4P
1W, fixed input voltage isolated & regulated single output
RT4-D10D1WR RSG-RT4-D10D1WR Datasheet
697Kb / 5P
1W fixed input voltage isolated & un regulated dual output
logo
GAPTEC Electronic GmbH ...
1S7A-R GAPTEC-1S7A-R Datasheet
604Kb / 3P
1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
1S7BE GAPTEC-1S7BE Datasheet
971Kb / 4P
1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com