Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3-R10D1WR Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RT3-R10D1WR
Description  1W, fixed input voltage isolated & regulated single output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT3-R10D1WR Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RT3-R10D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT3-R10D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 4 (4)
RT3-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
Dimensions and Recommended Layout
Notes:
1. Packing Information please refer to 'Product Packing Information'.
2. If the product is operated under the min. required load, the product performance cannot be guaranteed to comply with all performance
indexes in this datasheet;
3. The max. capacitive load should be tested within the input voltage range and under full load conditions;
4. Unless otherwise specified, data in this data sheet should be tested under the conditions of Ta=25
°C, humidity<75% when inputting
nominal voltage and outputting rated load;
5. All index testing methods in this datasheet are based on our Company`s corporate standards;
6. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products will
exceed the above-mentioned requirements, and please directly contact our technicians for specific information;
7. We can provide product customization service;
8. Specifications of this product are subject to changes without prior notice.
RT3-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
Dimensions and Recommended Layout
Notes:
1. Packing Information please refer to 'Product Packing Information'.
2. If the product is operated under the min. required load, the product performance cannot be guaranteed to comply with all performance
indexes in this datasheet;
3. The max. capacitive load should be tested within the input voltage range and under full load conditions;
4. Unless otherwise specified, data in this data sheet should be tested under the conditions of Ta=25
°C, humidity<75% when inputting
nominal voltage and outputting rated load;
5. All index testing methods in this datasheet are based on our Company`s corporate standards;
6. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products will
exceed the above-mentioned requirements, and please directly contact our technicians for specific information;
7. We can provide product customization service;
8. Specifications of this product are subject to changes without prior notice.
DC/DC-Converter
1W, fixed input voltage
isolated & regulated single output
we energize electronics!
an acal group company
we energize electronics!
DIMENSIONS and recommended layout
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com