Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3843N13 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AS3843N13
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843N13 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AS3843N13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
ASTEC Semiconductor
AS384x
Current Mode Controller
Typical Performance Curves
Figure 2
Figure 4
Figure 3
Figure 5
0
5
10
15
V
CC – Supply Voltage (V)
20
25
35
30
Supply Current vs Supply Voltage
0
5
10
15
20
25
0
5
10
15
V
CC – Supply Voltage (V)
20
25
30
0
5
10
15
20
25
Output Voltage vs Supply Voltage
T
A – Ambient Temperature (°C)
–60
–30
0
30
60
90
120
150
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
Regulator Output Voltage vs Ambient Temperature
T
A – Ambient Temperature (°C)
–60
–30
0
30
60
90
120
150
160
140
120
100
80
60
40
Regulator Short Circuit Current vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com