Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3843N13 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AS3843N13
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843N13 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AS3843N13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
ASTEC Semiconductor
the following paragraphs. The basic operation of
the oscillator is as follows:
A simple RC network is used to program the fre-
quency and the maximum duty ratio of the
AS3842 output. See Figure 15. Timing capacitor
(C
T) is charged through timing resistor (RT) from
the fixed 5.0 V at V
REG. During the charging time,
the OUT (pin 6) is high. Assuming that the output
is not terminated by the PWM latch, when the
voltage across C
T reaches the upper oscillator
trip point (Å3.0 V), an internal current sink from
pin 4 to ground is turned on and discharges C
T
towards the lower trip point. During this dis-
charge time, an internal clock pulse blanks the
output to its low state. When the voltage across
C
T reaches the lower trip point (Å1.3 V), the cur-
rent sink is turned off, the output goes high, and
the cycle repeats. Since the output is blanked
during the discharge of C
T, it is the discharge
time which controls the output deadtime and
hence, the maximum duty ratio.
The nature of the AS3842 oscillator circuit is such
that, for a given frequency, many combinations of
R
T and CT are possible. However, only one value
of R
T will yield the desired maximum duty ratio at
a given frequency. Since a precise maximum
duty ratio clamp is critical for many power supply
designs, the oscillator discharge current is
trimmed in a unique manner which provides sig-
nificantly improved tolerances as explained later
in this section. In addition, the AS3844/5 options
have an internal flip-flop which effectively blanks
every other output pulse (the oscillator runs at
twice the output frequency), providing an
absolute maximum 50% duty ratio regardless of
discharge time.
1.3.1 Selecting timing components R
T
and C
T
The values of R
T and CT can be determined
mathematically by the following expressions:
(1)
AS384x
Current Mode Controller
5 V REG
OSCILLATOR
AS3842
6 OUTPUT
7 V
CC
8
R
T
C
T
I
D
5 GND
CLOCK
PWM
C
T
OUTPUT
Large R
T/Small CT
C
T
OUTPUT
Small R
T/ Large CT
4
Figure 15. Oscillator Set-up and Waveforms
C
D
R
R
T
T
T
=
ƒ


=
ƒ
OSC
L
H
OSC
K
K
ln
1.63D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com